Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91126 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE91126
Description  2.92mm Male to Mini SMP Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91126 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91126 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91126 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91126 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2014 Pasternack Enterprises All Rights Reserved
PE91126 REV 1.0
2.92mm Male to Mini SMP Female Adapter
PE91126 CAD Drawing


Similar Part No. - PE91126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
   N Female to UHF Male Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
   N Female to UHF Male Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
   2.4mm Male to Mini SMP Female Adapter
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
   2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
   2.4mm Female to Mini SMP Male Adapter Full Detent
More results

Similar Description - PE91126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91128 PASTERNACK-PE91128 Datasheet
260Kb / 3P
   2.92mm Female to Mini SMP Male Adapter Smooth Bore
PE91127 PASTERNACK-PE91127 Datasheet
345Kb / 3P
   2.92mm Female to Mini SMP Male Adapter Full Detent
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
   MINI SMP MALE TO 2.92mm FEMALE
PE91125 PASTERNACK-PE91125 Datasheet
377Kb / 3P
   2.92mm Male to Mini SMP Male Adapter Smooth Bore
PE91124 PASTERNACK-PE91124 Datasheet
377Kb / 3P
   2.92mm Male to Mini SMP Male Adapter Full Detent
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
   2.92mm FEMALE TO MINI SMP FEMALE
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
   Mini SMP Female to Mini SMP Female Adapter
PE91304 PASTERNACK-PE91304 Datasheet
362Kb / 3P
   SMA Male to Mini SMP Female Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
   2.4mm Male to Mini SMP Female Adapter
PE91060 PASTERNACK-PE91060 Datasheet
456Kb / 3P
   Precision 2.92mm Female to SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com