Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60243 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60243
Description  TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60243 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60243 Datasheet HTML 4Page - Texas Instruments TPS60243 Datasheet HTML 5Page - Texas Instruments TPS60243 Datasheet HTML 6Page - Texas Instruments TPS60243 Datasheet HTML 7Page - Texas Instruments TPS60243 Datasheet HTML 8Page - Texas Instruments TPS60243 Datasheet HTML 9Page - Texas Instruments TPS60243 Datasheet HTML 10Page - Texas Instruments TPS60243 Datasheet HTML 11Page - Texas Instruments TPS60243 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS60240, TPS60241, TPS60242, TPS60243
SLVS372C – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
7.3 Feature Description
7.3.1 Thermal Shutdown
The TPS6024x device has a built-in thermal shutdown which turns off the power stage when the junction
temperature exceeds typical 160°C. When the junction temperature drops to typical 140°C, the device starts
switching again.
7.3.2 Current Limit
The TPS6024x device has a built-in overload protection which limits the output current.
7.4 Device Functional Modes
7.4.1 Start-up Procedure
The converter is enabled when EN is set from logic low to high. The start-up time to reach 90% of the nominal
output voltage is typically 0.5 ms at load currents lower than 10 mA and with an output capacitor of 1 µF.
Increasing the values of COUT delays the start-up time.
7.4.2 Shutdown
Driving EN low disables the converter. This disables the internal circuits and reduces input current to typically 0.1
µA. In this mode, the load is disconnected from the supply voltage. The device exits shutdown once EN is set to
a high level.
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS60240 TPS60241 TPS60242 TPS60243


Similar Part No. - TPS60243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60243 TI-TPS60243 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60243 TI1-TPS60243 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60243DGK TI-TPS60243DGK Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60243DGK TI1-TPS60243DGK Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60243DGKR TI-TPS60243DGKR Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
More results

Similar Description - TPS60243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com