Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60301 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60301
Description  TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60301 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60301 Datasheet HTML 6Page - Texas Instruments TPS60301 Datasheet HTML 7Page - Texas Instruments TPS60301 Datasheet HTML 8Page - Texas Instruments TPS60301 Datasheet HTML 9Page - Texas Instruments TPS60301 Datasheet HTML 10Page - Texas Instruments TPS60301 Datasheet HTML 11Page - Texas Instruments TPS60301 Datasheet HTML 12Page - Texas Instruments TPS60301 Datasheet HTML 13Page - Texas Instruments TPS60301 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
SLVS302B – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
9.3 Feature Description
9.3.1 Power-Good Detector
The power-good output is an open-drain output on the TPS60300 and TPS60301 or a push-pull output on the
TPS60302 and TPS60303. The PG-output pulls low when the output of OUT2 is out of regulation. When the
output rises to within 98% of regulation, the power-good output goes active high. In shutdown, power-good is
pulled low. In normal operation, an external pullup resistor with the TPS60300 and TPS60301 is typically used to
connect the PG pin to VOUT. The resistor should be in the 100-kΩ to 1-MΩ range. If the PG output is not used, it
should remain unconnected. Output current at PG (TPS60302, TPS60303) will reduce maximum output current
at OUT2.
9.4 Device Functional Modes
9.4.1 Start-up Procedure
The device is enabled when EN is set from logic low to logic high. CP1 will first enter a DC start-up mode during
which the capacitor on OUT1 is charged up to about VIN. After that, it starts switching to boost the voltage further
up to about two times VIN. CP2 will then follow and charge up the capacitor on OUT2 to about the voltage on
OUT1, after that, it will also start switching and boost up the voltage to its nominal value. EN must not exceed the
highest voltage applied to the device.
NOTE
During start-up with VOUT = 0 V, the highest voltage is the input voltage.
9.4.2 Shutdown
Driving EN low disables the converter. This disables all internal circuits, reducing input current to only 0.05 µA.
Leakage current drawn from the output pins OUT1 and OUT2 is a maximum of 1 µA. The device exits shutdown
once EN is set high (see Start-up Procedure). The typical no-load, start-up time is 400 µs. When the device is
disabled, the load is isolated from the input. This is an important feature in battery operated products because it
extends the battery shelf life.
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60300 TPS60301 TPS60302 TPS60303


Similar Part No. - TPS60301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60301 TI-TPS60301 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60301 TI1-TPS60301 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60301DGS TI-TPS60301DGS Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60301DGS TI1-TPS60301DGS Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60301DGSG4 TI1-TPS60301DGSG4 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
More results

Similar Description - TPS60301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com