Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60401 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401
Description  TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401 Datasheet(HTML) 1 Page - Texas Instruments

  TPS60401 Datasheet HTML 1Page - Texas Instruments TPS60401 Datasheet HTML 2Page - Texas Instruments TPS60401 Datasheet HTML 3Page - Texas Instruments TPS60401 Datasheet HTML 4Page - Texas Instruments TPS60401 Datasheet HTML 5Page - Texas Instruments TPS60401 Datasheet HTML 6Page - Texas Instruments TPS60401 Datasheet HTML 7Page - Texas Instruments TPS60401 Datasheet HTML 8Page - Texas Instruments TPS60401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
- 5
- 4
- 3
- 2
- 1
0
0
1
2
3
4
5
IO = 60 mA
IO = 30 mA
IO = 1 mA
TA = 25°C
VI - Input Voltage - V
TPS60400
CFLY-
CFLY+
3
5
OUT
IN
GND
1
2
4
CI
1
µF
CO
1
µF
Output
-1.6 V to -5.5 V,
Max 60 mA
Input
1.6 V to 5.5 V
C(fly)
1
µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS60400, TPS60401
TPS60402, TPS60403
SLVS324B – JULY 2001 – REVISED APRIL 2015
TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
1 Features
3 Description
The TPS6040x family of devices generates an
1
Inverts Input Supply Voltage
unregulated negative output voltage from an input
Up to 60-mA Output Current
voltage ranging from 1.6 V to 5.5 V. The devices are
Only Three Small 1-µF Ceramic Capacitors
typically supplied by a preregulated supply rail of 5 V
Needed
or 3.3 V. Due to its wide input voltage range, two or
three NiCd, NiMH, or alkaline battery cells, as well as
Input Voltage Range From 1.6 V to 5.5 V
one Li-Ion cell can also power them.
PowerSave-Mode for Improved Efficiency at Low-
Only three external 1-µF capacitors are required to
Output Currents (TPS60400)
build a complete DC-DC charge pump inverter.
Device Quiescent Current Typical 65 µA
Assembled in a 5-pin SOT-23 package, the complete
Integrated Active Schottky-Diode for Start-up Into
converter can be built on a 50-mm2 board area.
Load
Additional board area and component count reduction
is achieved by replacing the Schottky diode that is
Small 5-Pin SOT-23 Package
typically needed for start-up into load by integrated
Evaluation Module Available TPS60400EVM-178
circuitry.
2 Applications
The TPS6040x can deliver a maximum output current
of 60 mA with a typical conversion efficiency of
LCD Bias
greater than 90% over a wide output current range.
GaAs Bias for RF Power Amps
Three device options with 20-kHz, 50-kHz, and 250-
kHz
fixed-frequency
operation
are
available.
Sensor Supply in Portable Instruments
TPS60400 comes with a variable switching frequency
Bipolar Amplifier Supply
to reduce operating current in applications with a
Medical Instruments
wide load range and enables the design with low-
Battery-Operated Equipment
value capacitors.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6040x
SOT-23 (5)
2.90 mm x 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Output Voltage vs Input Voltage
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS60401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60401 TI-TPS60401 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401-Q1 TI1-TPS60401-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBV TI-TPS60401DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVR TI1-TPS60401DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVRG4 TI1-TPS60401DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com