Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60403 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403
Description  TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60403 Datasheet HTML 6Page - Texas Instruments TPS60403 Datasheet HTML 7Page - Texas Instruments TPS60403 Datasheet HTML 8Page - Texas Instruments TPS60403 Datasheet HTML 9Page - Texas Instruments TPS60403 Datasheet HTML 10Page - Texas Instruments TPS60403 Datasheet HTML 11Page - Texas Instruments TPS60403 Datasheet HTML 12Page - Texas Instruments TPS60403 Datasheet HTML 13Page - Texas Instruments TPS60403 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Start
FF
R
S
Q
VI – VCFLY+ < 0.5 V
VI
MEAS
VI < 1 V
VI
VO > Vbe
VO
MEAS
VO
OSC
OSC
CHG
50 kHz
VO > –1 V
VI / VO
MEAS
VI
VO
VCO_CONT
VO < –VI – Vbe
Phase
Generator
DC_ Startup
C(fly)
+
Q3
Q2
Q1
Q4
VI
VO
GND
Q5
Q
Q
B
DC_ Startup
C(fly)
1
µF
S2
S1
S3
S4
CO
1
µF
VO (–VI)
GND
VI
GND
TPS60400, TPS60401
TPS60402, TPS60403
SLVS324B – JULY 2001 – REVISED APRIL 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS60400, TPS60401 charge pumps invert the voltage applied to their input. For the highest performance,
use low equivalent series resistance (ESR) capacitors (for example, ceramic). During the first half-cycle, switches
S2 and S4 open, switches S1 and S3 close, and capacitor (C(fly)) charges to the voltage at VI. During the second
half-cycle, S1 and S3 open, S2 and S4 close. This connects the positive terminal of C(fly) to GND and the
negative to VO. By connecting C(fly) in parallel, CO is charged negative. The actual voltage at the output is more
positive than -VI, since switches S1-S4 have resistance and the load drains charge from CO.
Figure 20. Operating Principle
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403


Similar Part No. - TPS60403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403-Q1 TI1-TPS60403-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403DBV TI-TPS60403DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403DBVR TI1-TPS60403DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403DBVRG4 TI1-TPS60403DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com