Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61031 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61031
Description  TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61031 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61031 Datasheet HTML 5Page - Texas Instruments TPS61031 Datasheet HTML 6Page - Texas Instruments TPS61031 Datasheet HTML 7Page - Texas Instruments TPS61031 Datasheet HTML 8Page - Texas Instruments TPS61031 Datasheet HTML 9Page - Texas Instruments TPS61031 Datasheet HTML 10Page - Texas Instruments TPS61031 Datasheet HTML 11Page - Texas Instruments TPS61031 Datasheet HTML 12Page - Texas Instruments TPS61031 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Anti-
Ringing
Gate
Control
PGND
Regulator
PGND
Control Logic
Oscillator
Temperature
Control
VOUT
PGND
FB
SW
VBAT
EN
SYNC
GND
LBI
LBO
_
+
100 kW
10 pF
_
+
VREF = 0.5 V
GND
Error Amplifier
_
+
_
+
GND
VREF = 0.5 V
Low Battery Comparator
TPS61030, TPS61031, TPS61032
www.ti.com
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
10 Detailed Description
10.1 Overview
The TPS6103x synchronous step-up converter typically operates at a 600 kHz frequency pulse width modulation
(PWM) at moderate to heavy load currents. The converter enters Power Save mode at low load currents to
maintain a high efficiency over a wide load. The Power Save mode can also be disabled, forcing the converter to
operate at a fixed switching frequency. The TPS6103x family is based on a fixed frequency with multiple feed
forward controller topology. Input voltage, output voltage, and voltage drop on the NMOS switch are monitored
and forwarded to the regulator. The peak current of the NMOS switch is also sensed to limit the maximum
current flowing through the switch and the inductor. It can also operate synchronized to an external clock signal
that is applied to the SYNC pin. Additionally, TPS6103x integrated the low-battery detector circuit typically used
to supervise the battery voltage and to generate an error flag when the battery voltage drops below a user-set
threshold voltage.
10.2 Functional Block Diagram
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61030 TPS61031 TPS61032


Similar Part No. - TPS61031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61031 TI-TPS61031 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61031 TI-TPS61031 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61031 TI1-TPS61031 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61031PWP TI-TPS61031PWP Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61031PWP TI-TPS61031PWP Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results

Similar Description - TPS61031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com