Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61281 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61281
Description  TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61281 Datasheet HTML 3Page - Texas Instruments TPS61281 Datasheet HTML 4Page - Texas Instruments TPS61281 Datasheet HTML 5Page - Texas Instruments TPS61281 Datasheet HTML 6Page - Texas Instruments TPS61281 Datasheet HTML 7Page - Texas Instruments TPS61281 Datasheet HTML 8Page - Texas Instruments TPS61281 Datasheet HTML 9Page - Texas Instruments TPS61281 Datasheet HTML 10Page - Texas Instruments TPS61281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
TPS61280, TPS61281, TPS61282
www.ti.com
SLVSBI1A – OCTOBER 2013 – REVISED SEPTEMBER 2014
9.4 Thermal Information
TPS6128x
THERMAL METRIC(1)
UNIT
YFF (16 PINS)
RθJA
Junction-to-ambient thermal resistance
78
RθJCtop
Junction-to-case (top) thermal resistance
0.6
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
2.4
ψJB
Junction-to-board characterization parameter
13
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
9.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.3V to 4.85V, VOUT = 3.4V (or VIN, whichever is higher), EN = 1.8V, VSEL =
1.8V, nBYP = 1.8V, –40°C
≤ TJ ≤ 125°C; Circuit of Parameter Measurement Information section (unless otherwise noted).
Typical values are at VIN = 3.2V, VOUT = 3.4V, EN = 1.8V, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
DC/DC boost mode. Device not
switching, IOUT = 0mA, VIN = 3.2V,
47
65
µA
VOUT = 3.4V
Pass-through mode (auto)
Operating quiescent current
EN = 1.8V, nBYP = 1.8V,
27
42
µA
into VIN
VIN = 3.6V
IQ
TPS6128x
Pass-through mode (forced)
–40°C
≤ TJ
EN = 1.8V, nBYP = AGND,
15
25
µA
85°C
VOUT = 3.6V
DC/DC boost mode. Device not
Operating quiescent current
switching, IOUT = 0mA, VIN = 3.2V,
8.5
19
µA
into VOUT
VOUT = 3.4V
EN = 0V, nBYP = 0V, VIN = 3.6V
2.6
6
μA
ISD
Shutdown current
TPS6128x
EN = 0V, nBYP = 1.8V, VIN = 3.6V
8.5
20
μA
Falling
2.0
2.1
V
VUVLO
Under-voltage lockout threshold
TPS6128x
Hysteresis
0.1
V
EN, VSEL, nBYP, MODE, SDA, SCL, GPIO, PG
VIL
Low-level input voltage
0.4
V
TPS6128x
VIH
High-level input voltage
1.2
V
Low-level output voltage (SDA)
IOL = 8mA
0.3
V
TPS61280
VOL
Low-level output voltage (GPIO)
IOL = 8mA, GPIOCFG = 0
0.3
V
Low-level output voltage (PG)
TPS6128x
IOL = 8mA
0.3
V
EN, VSEL, nBYP,
RPD
TPS6128x
Input
≤ 0.4 V
300
k
Ω
pull-down resistance
EN, VSEL, nBYP, MODE, PG
TPS6128x
9
pF
input capacitance
CIN
Input connected to AGND or VIN
SDA, SCL, GPIO input capacitance
TPS61280
9
pF
0.95 x
Rising VOUT
VOUT
VTHPG
Power good threshold
TPS6128x
0.9 x
Falling VOUT
VOUT
Ilkg
Input connected to AGND
0
µA
–40°C
≤ TJ
Input leakage current
TPS6128x
85°C
Input connected VIN
0.5
µA
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61280 TPS61281 TPS61282


Similar Part No. - TPS61281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61281 TI1-TPS61281 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281A TI1-TPS61281A Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281AYFFR TI1-TPS61281AYFFR Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281AYFFT TI1-TPS61281AYFFT Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281D TI1-TPS61281D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
More results

Similar Description - TPS61281

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI1-TPS61280A_16 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com