Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62050 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62050
Description  TPS6205x 800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62050 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62050_15 Datasheet HTML 3Page - Texas Instruments TPS62050_15 Datasheet HTML 4Page - Texas Instruments TPS62050_15 Datasheet HTML 5Page - Texas Instruments TPS62050_15 Datasheet HTML 6Page - Texas Instruments TPS62050_15 Datasheet HTML 7Page - Texas Instruments TPS62050_15 Datasheet HTML 8Page - Texas Instruments TPS62050_15 Datasheet HTML 9Page - Texas Instruments TPS62050_15 Datasheet HTML 10Page - Texas Instruments TPS62050_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Undervoltage
Lockout
Bias Supply
_
+
+
REF
Current Limit Comparator
+
REF
I(AVG) Comparator
P-Channel
Power MOSFET
N-Channel
Power MOSFET
Driver
Shoot-Through
Logic
+
Load Comparator
Control
Logic
+
1.21 V
Soft Start
850 kHz
Oscillator
+
S
R
Comparator High
Comparator Low
Comparator High2
+
Compensation
R2
See Note
R1
VREF = 0.5 V
Comparator Low
Comparator Low2
Comparator High
Saw Tooth
Generator
V
I
V(COMP)
Comparator
SW
PG
LBO
GND
PGND
LBI
FB
VI
EN
SKIP Comparator
Error Amp
SYNC
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
www.ti.com
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
9 Detailed Description
9.1 Overview
The TPS6205x family of devices are synchronous step-down converters that operate with a 850-kHz fixed-
frequency pulse width modulation (PWM) at moderate to heavy load currents and enters the power save mode at
light load current.
During PWM operation, the converter uses a unique fast response voltage mode control scheme with input
voltage feed forward to achieve good line and load regulation with the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal (S), the P-channel MOSFET switch
is turned on and the inductor current ramps up until the voltage comparator trips and the control logic turns the
switch off. Also the switch is turned off by the current limit comparator if the current limit of the P-channel switch
is exceeded. After the dead time preventing current shoot through, the N-channel MOSFET rectifier is turned on
and the inductor current ramps down. The next cycle is initiated by the clock signal again, turning off the N-
channel rectifier and turning on the P-channel switch.
The error amplifier as well as the input voltage determines the rise time of the saw tooth generator; therefore,
any change in input voltage or output voltage directly controls the duty cycle of the converter giving a very good
line and load transient regulation.
9.2 Functional Block Diagram
NOTE: For the adjustable versions (TPS62050, TPS62051 devices), the internal feedback driver is disabled and the
FB pin is directly connected to the GM amplifier.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Similar Part No. - TPS62050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com