Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10814 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S10814
Description  CCD area image sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10814 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S10814_15 Datasheet HTML 1Page - Hamamatsu Corporation S10814_15 Datasheet HTML 2Page - Hamamatsu Corporation S10814_15 Datasheet HTML 3Page - Hamamatsu Corporation S10814_15 Datasheet HTML 4Page - Hamamatsu Corporation S10814_15 Datasheet HTML 5Page - Hamamatsu Corporation S10814_15 Datasheet HTML 6Page - Hamamatsu Corporation S10814_15 Datasheet HTML 7Page - Hamamatsu Corporation S10814_15 Datasheet HTML 8Page - Hamamatsu Corporation S10814_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CCD area image sensors
S10814, S10811-11
3
Electrical and optical characteristics (Ta=25 °C, VOD=15 V, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Full well capacity
Vertical
Fw
100
200
-
ke-
Horizontal
-
300
-
Summing
-
600
-
CCD node sensitivity*5
Sv
1.0
1.4
-
μV/e-
Dark current (MPP mode)*6
DS
-
250
2500
e-/pixel/s
Readout noise*7
Ta=25 °C
Nr
-90-
e- rms
Ta=-40 °C
-60-
Dynamic range*8
DR
-
3333
-
-
X-ray response non-uniformity*9 *10
XRNU
-
±10
±30
%
Blemish*11
Point
defects*12
White spots
-
--
20
-
Black spots
-
-
20
Cluster defects*13
--
3
Column defects*14
--
1
X-ray resolution*9
∆R
15
20
-
Lp/mm
*5: VOD=15 V, RL (load resistance of emitter follower)=1 kΩ
*6: Dark signal doubles for every 5 to 7 °C.
*7: Operating frequency is 1 MHz.
*8: Dynamic range = Full well capacity / Readout noise
*9: X-ray irradiation of 60 kVp, measured at half of the full well capacity
*10: XRNU (%) = Noise / Signal × 100
Noise: Fixed pattern noise (peak to peak)
In the range that excludes 5 pixels from edges to the center at every position
*11: Refer to “Characteristics and use of FFT-CCD area image sensor” of technical information.
*12: White spots > 10 times of Max. Dark signal (2500 e-/pixel/s)
Black spots > 50% reduction in response relative to adjacent pixels, measured at half of the full well capacity
*13: Continuous 2 to 9 point defects
*14: Continuous ≥ 10 point defects
Resolution (S10811-11)
Response (S10811-11)
Spatial frequency (line pairs/mm)
(X-ray source: 70 kVp, Filter: ABS 1.5 mm
t)
0
0.1
1.0
0.8
0.9
0.6
0.7
0.4
0.5
0.2
0.3
20
04
28
10
612
14
16
18
Absorbed dose (µGy)
(X-ray source: 70 kVp, Filter: ABS 1.5 mm
t)
0
300
200
100
300
0
100
200
KMPDB0355EA
KMPDB0356EA


Similar Part No. - S10814_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
More results

Similar Description - S10814_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com