Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1330EDL Datasheet(PDF) 6 Page - Vishay Telefunken

Part # SI1330EDL
Description  N-Channel 60 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1330EDL Datasheet(HTML) 6 Page - Vishay Telefunken

  SI1330EDL Datasheet HTML 1Page - Vishay Telefunken SI1330EDL Datasheet HTML 2Page - Vishay Telefunken SI1330EDL Datasheet HTML 3Page - Vishay Telefunken SI1330EDL Datasheet HTML 4Page - Vishay Telefunken SI1330EDL Datasheet HTML 5Page - Vishay Telefunken SI1330EDL Datasheet HTML 6Page - Vishay Telefunken SI1330EDL Datasheet HTML 7Page - Vishay Telefunken SI1330EDL Datasheet HTML 8Page - Vishay Telefunken SI1330EDL Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN813
Vishay Siliconix
Document Number: 71236
12-Dec-03
www.vishay.com
1
Single-Channel LITTLE FOOTR SC-70 3-Pin and 6-Pin MOSFET
Recommended Pad Pattern and Thermal Peformance
INTRODUCTION
BASIC PAD PATTERNS
This technical note discusses pin-outs, package outlines, pad
patterns, evaluation board layout, and thermal performance
for single-channel LITTLE FOOT power MOSFETs in the
SC-70 package. These new Vishay Siliconix devices are
intended for small-signal applications where a miniaturized
package is needed and low levels of current (around 350 mA)
need to be switched, either directly or by using a level shift
configuration. Vishay provides these single devices with a
range of on-resistance specifications and in both traditional
3-pin and new 6-pin versions. The new 6-pin SC-70 package
enables improved on-resistance values and enhanced
thermal performance compared to the 3-pin package.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the single-channel SC-70 device in both 3-pin and 6-pin
configurations. The pin-out of the 6-pin device allows the use
of four pins as drain leads, which helps to reduce on-resistance
and junction-to-ambient thermal resistance.
SOT-323
SC-70 (3-LEADS)
1
2
3
Top View
G
S
D
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
FIGURE 1.
For package dimensions see outline drawings:
SC-70 (3-Leads) (http://www.vishay.com/doc?71153)
SC-70 (6-Leads) (http://www.vishay.com/doc?71154)
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the basic
pad layout and dimensions for the 3-pin SC-70 and the 6-pin
SC-70. These pad patterns are sufficient for the low-power
applications for which this package is intended. Increasing the
pad pattern has little effect on thermal resistance for the 3-pin
device, reducing it by only 10% to 15%. But for the 6-pin
device, increasing the pad patterns yields a reduction in
thermal resistance on the order of 35% when using a 1-inch
square with full copper on both sides of the printed circuit board
(PCB). The availability of four drain leads rather than the
traditional single drain lead allows a better thermal path from
the package to the PCB and external environment.
EVALUATION BOARDS FOR THE SINGLE
SC70-3 AND SC70-6
Figure 2 shows the 3-pin and 6-pin SC-70 evaluation boards
(EVB). Both measure 0.6 inches by 0.5 inches. Their copper
pad traces are the same as described in the previous section,
Basic Pad Patterns. Both boards allow interrogation from the
outer pins to 6-pin DIP connections, permitting test sockets to
be used in evaluation testing.
The thermal performance of the single SC-70 has been
measured on the EVB for both the 3-pin and 6-pin devices, the
results shown in Figures 3 and 4. The minimum recommended
footprint on the evaluation board was compared with the
industry standard of 1-inch square FR4 PCB with copper on
both sides of the board.
FIGURE 2.
Front of Board SC70-3
Front of Board SC70-6
Back of Board, SC70-3 and SC70-6
ChipFETr
ChipFETr
vishay.com


Similar Part No. - SI1330EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1330EDL VISHAY-SI1330EDL Datasheet
84Kb / 5P
   N-Channel 60-V (D-S) MOSFET
S-40853-Rev. A, 03-May-04
SI1330EDL VISHAY-SI1330EDL Datasheet
234Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
SI1330EDL VISHAY-SI1330EDL Datasheet
99Kb / 5P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
Si1330EDL VISHAY-Si1330EDL Datasheet
228Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
SI1330EDL VISHAY-SI1330EDL Datasheet
227Kb / 9P
   N-Channel 60 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI1330EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com