Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1926DL Datasheet(PDF) 9 Page - Vishay Telefunken

Part # SI1926DL
Description  Dual N-Channel 60 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1926DL Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SI1926DL Datasheet HTML 3Page - Vishay Telefunken SI1926DL Datasheet HTML 4Page - Vishay Telefunken SI1926DL Datasheet HTML 5Page - Vishay Telefunken SI1926DL Datasheet HTML 6Page - Vishay Telefunken SI1926DL Datasheet HTML 7Page - Vishay Telefunken SI1926DL Datasheet HTML 8Page - Vishay Telefunken SI1926DL Datasheet HTML 9Page - Vishay Telefunken SI1926DL Datasheet HTML 10Page - Vishay Telefunken SI1926DL Datasheet HTML 11Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN814
Vishay Siliconix
www.vishay.com
2
Document Number: 71237
12-Dec-03
SC-70 (6-PIN)
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
400oC W
PD + 312 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
400oC W
PD + 225 mW
NOTE: Although they are intended for low-power applications,
devices in the 6-pin SC-70 will handle power dissipation in
excess of 0.2 W.
Testing
To aid comparison further, Figure 2 illustrates the dual-channel
SC-70 thermal performance on two different board sizes and
two different pad patterns. The results display the thermal
performance out to steady state. The measured steady state
values of RθJA for the dual 6-pin SC-70 are as follows:
LITTLE FOOT SC-70 (6-PIN)
1) Minimum recommended pad pattern (see
Figure 2) on the EVB of 0.5 inches x
0.6 inches.
518_C/W
2) Industry standard 1” square PCB with
maximum copper both sides.
413_C/W
Time (Secs)
FIGURE 2.
Comparison of Dual SC70-6 on EVB and 1”
Square FR4 PCB.
0
1
500
100
200
100
1000
300
10
10-1
10-2
10-3
10-4
10-5
1” Square FR4 PCB
Dual EVB
400
The results show that if the board area can be increased and
maximum copper traces are added, the thermal resistance
reduction is limited to 20%. This fact confirms that the power
dissipation is restricted with the package size and the Alloy 42
leadframe.
ASSOCIATED DOCUMENT
Single-Channel LITTLE FOOT SC-70 6-Pin MOSFET Copper
Leadframe Version, REcommended Pad Pattern and Thermal
Performance, AN815, (http://www.vishay.com/doc?71334).


Similar Part No. - SI1926DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL Datasheet
142Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI1926DL VISHAY-SI1926DL Datasheet
227Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
Rev. D, 05-Apr-10
SI1926DL VISHAY-SI1926DL Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI1926DL-T1-E3 VISHAY-SI1926DL-T1-E3 Datasheet
142Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
VBsemi Electronics Co.,...
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI1926DL

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com