Electronic Components Datasheet Search |
|
SIHFZ44L Datasheet(PDF) 8 Page - Vishay Telefunken |
|
SIHFZ44L Datasheet(HTML) 8 Page - Vishay Telefunken |
8 / 9 page Document Number: 91364 www.vishay.com Revision: 15-Sep-08 1 Package Information Vishay Siliconix TO-263AB (HIGH VOLTAGE) Notes 1. Dimensioning and tolerancing per ASME Y14.5M-1994. 2. Dimensions are shown in millimeters (inches). 3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outmost extremes of the plastic body at datum A. 4. Thermal PAD contour optional within dimension E, L1, D1 and E1. 5. Dimension b1 and c1 apply to base metal only. 6. Datum A and B to be determined at datum plane H. 7. Outline conforms to JEDEC outline to TO-263AB. 5 4 1 3 L1 L2 D B B E H B A Detail A A A c c2 A 2 x e 2 x b2 2 x b 0.010 A B MM ± 0.004 B M Base metal Plating b1, b3 (b, b2) c1 (c) Section B - B and C - C Scale: none Lead tip 4 34 (Datum A) 2 C C B B 5 5 View A - A E1 D1 E 4 4 B H Seating plane Gauge plane 0° to 8° Detail “A” Rotated 90° CW scale 8:1 L3 A1 L4 L MILLIMETERS INCHES MILLIMETERS INCHES DIM. MIN. MAX. MIN. MAX. DIM. MIN. MAX. MIN. MAX. A 4.06 4.83 0.160 0.190 D1 6.86 - 0.270 - A1 0.00 0.25 0.000 0.010 E 9.65 10.67 0.380 0.420 b 0.51 0.99 0.020 0.039 E1 6.22 - 0.245 - b1 0.51 0.89 0.020 0.035 e 2.54 BSC 0.100 BSC b2 1.14 1.78 0.045 0.070 H 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 L 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 L1 - 1.65 - 0.066 c1 0.38 0.58 0.015 0.023 L2 - 1.78 - 0.070 c2 1.14 1.65 0.045 0.065 L3 0.25 BSC 0.010 BSC D 8.38 9.65 0.330 0.380 L4 4.78 5.28 0.188 0.208 ECN: S-82110-Rev. A, 15-Sep-08 DWG: 5970 |
Similar Part No. - SIHFZ44L |
|
Similar Description - SIHFZ44L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |