Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIJ478DP Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIJ478DP
Description  N-Channel 80 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIJ478DP Datasheet(HTML) 3 Page - Vishay Telefunken

  SIJ478DP Datasheet HTML 1Page - Vishay Telefunken SIJ478DP Datasheet HTML 2Page - Vishay Telefunken SIJ478DP Datasheet HTML 3Page - Vishay Telefunken SIJ478DP Datasheet HTML 4Page - Vishay Telefunken SIJ478DP Datasheet HTML 5Page - Vishay Telefunken SIJ478DP Datasheet HTML 6Page - Vishay Telefunken SIJ478DP Datasheet HTML 7Page - Vishay Telefunken SIJ478DP Datasheet HTML 8Page - Vishay Telefunken SIJ478DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SiJ478DP
www.vishay.com
Vishay Siliconix
S13-1386-Rev. A, 17-Jun-13
3
Document Number: 62868
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
20
40
60
80
100
0.0
1.0
2.0
3.0
4.0
5.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 3 V
V
GS = 2 V
V
GS = 10 V thru 5 V
V
GS = 4 V
0.0050
0.0070
0.0090
0.0110
0.0130
0.0150
0
20
40
60
80
100
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 6.0 V
V
GS = 10 V
0
2
4
6
8
10
0
8
16
24
32
40
Q
g - Total Gate Charge (nC)
V
DS = 40 V
V
DS = 60 V
V
DS = 20 V
I
D = 10 A
0
20
40
60
80
100
120
0.0
1.4
2.8
4.2
5.6
7.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
700
1400
2100
2800
3500
0
12
24
36
48
60
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SIJ478DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJ478DP VISHAY-SIJ478DP Datasheet
174Kb / 10P
   N-Channel 80 V (D-S) MOSFET
Rev. A, 17-Jun-13
SIJ478DP-T1-GE3 VISHAY-SIJ478DP-T1-GE3 Datasheet
185Kb / 10P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SIJ478DP VISHAY-SIJ478DP_V01 Datasheet
185Kb / 10P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIJ478DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com