Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSBFB455KJ58-B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSBFB455KJ58-B0
Description  compatible with automatic placement equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSBFB455KJ58-B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSBFB455KJ58-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSBFB455KJ58-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSBFB455KJ58-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSBFB455KJ58-B0
Specifications
Shape
SMD
Frequency
455.0kHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
±0.3%
Frequency Aging
±0.3%
Wash
avairable
Resonant Impedance
30Ω
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/19


Similar Part No. - CSBFB455KJ58-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB455KJ58-B0 MURATA1-CSBFB455KJ58-B0 Datasheet
297Kb / 2P
   Crystal Units/MEMS Resonators
02/26/2024
CSBFB455KJ58-B0 MURATA1-CSBFB455KJ58-B0_V01 Datasheet
297Kb / 2P
   Crystal Units/MEMS Resonators
02/26/2024
More results

Similar Description - CSBFB455KJ58-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com