Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214-01SO Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1214-01SO
Description  1 and 2-Channel AC Signal ESD Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1214-01SO Datasheet(HTML) 3 Page - ON Semiconductor

  CM1214-01SO Datasheet HTML 1Page - ON Semiconductor CM1214-01SO Datasheet HTML 2Page - ON Semiconductor CM1214-01SO Datasheet HTML 3Page - ON Semiconductor CM1214-01SO Datasheet HTML 4Page - ON Semiconductor CM1214-01SO Datasheet HTML 5Page - ON Semiconductor CM1214-01SO Datasheet HTML 6Page - ON Semiconductor CM1214-01SO Datasheet HTML 7Page - ON Semiconductor CM1214-01SO Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CM1214
http://onsemi.com
3
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Units
Max
Typ
Min
Conditions
Parameter
VCL
Channel Clamp Voltage
TA = 25°C, IPP = 1 A, tP = 8/20 mS
(Note 4)
10.0
V
CIN
Channel Input Capacitance
Voltage between CH pins = 0 V
Voltage between CH pins = 5 V
Measured at 1 MHz between CH
pins
0.5
0.5
0.8
0.8
1.2
1.2
pF
1. All parameters specified at TA = −40°C to +85°C unless otherwise noted.
2. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W.
3. From CH pin with other CH pin grounded.
4. No Connect pins are left open for all tests.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
PERFORMANCE INFORMATION
Typical Capacitance Characteristics vs. Voltage
CM1214 illustrates how the loading capacitance remains mainly flat across the voltage range form 0 V to 5 V, the voltage
between CH pins.
Figure 1. CM1214 Capacitance vs. Voltage
Typical Voltage Current (VI) Characteristics (low current)
CM1214 shows how the CM1214 experiences a symmetrical I/V curve, without any snapback or trigger voltage. It gradually
starts to turn on at about 6 v and clamps above 7 V.
Figure 2.
CM1214 VI Characteristics, Low Current


Similar Part No. - CM1214-01SO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1214-01SO ETC-CM1214-01SO Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
More results

Similar Description - CM1214-01SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com