Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5111YDWF24 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5111YDWF24
Description  Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111YDWF24 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5111YDWF24 Datasheet HTML 1Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 2Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 3Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 4Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 5Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 6Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 7Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 8Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS5111
http://onsemi.com
2
Figure 1. Block Diagram
VFB1
VFB2
SELECT
COMP
IBIAS
COSC
VREG
CDELAY
WDI
Multiplexer
Oscillator
Overvoltage
Bandgap
Reference
Switcher Error Amplifier
COMP
Logic
+
+
Base
Drive
Current Sense Amplifier
+
Linear
Error Amplifier
+
1.4 A
VIN
VSW
GND
ENABLE
VLIN
RESET
Switcher Shutdown
Current
Limit
Over
Temperature
1.25 V
RESET &
Watchdog Timer
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Logic Inputs/Outputs (ENABLE, SELECT, WDI, RESET)
–0.3 to VLIN
V
VLIN
–0.3 to 10
VIN, VREG:
DC Input Voltage
Peak Transient Voltage (40 V Load Dump @ 14 V VIN)
–0.3 to 26
–0.3 to 54
V
V
VSW Peak Transient Voltage
54
V
COSC, CDelay, COMP, VFB1, VFB2
–0.3 to VLIM
V
Power Dissipation
Internally Limited
VLIN Output Current
Internally Limited
VSW Output Current
Internally Limited
RESET Output Sink Current
5.0
mA
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Storage Temperature
–65 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1.)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.


Similar Part No. - CS5111YDWF24

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111YDWF24 CHERRY-CS5111YDWF24 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Similar Description - CS5111YDWF24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com