Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75857W Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC75857W
Description  Duty LCD Driver with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75857W Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC75857W Datasheet HTML 5Page - ON Semiconductor LC75857W Datasheet HTML 6Page - ON Semiconductor LC75857W Datasheet HTML 7Page - ON Semiconductor LC75857W Datasheet HTML 8Page - ON Semiconductor LC75857W Datasheet HTML 9Page - ON Semiconductor LC75857W Datasheet HTML 10Page - ON Semiconductor LC75857W Datasheet HTML 11Page - ON Semiconductor LC75857W Datasheet HTML 12Page - ON Semiconductor LC75857W Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
No. 7980-9/39
LC75857E, LC75857W
(2) When CL is stopped at the high level
Note: B0 to B3, A0 to A3 ...... CCB address
DD ................................ Direction data
CCB address............ 42H
D1 to D126 .............. Display data
SP ............................ Normal mode/sleep mode control data
KC0 to KC2 .............. Key scan output state setting data
KSC.......................... Key scan operation enabled/disabled state setting data
K0, K1 ...................... Key scan output/segment output selection data
P0 to P2 .................. Segment output port/general-purpose output port selection data
SC ............................ Segment on/off control data
DR............................ 1/2 bias or 1/3 bias drive selection data
DT ............................ 1/3 duty or 1/4 duty drive selection data
FC0 to FC2 .............. Common and segment output waveform frame frequency setting data
OC............................ RC oscillator mode/external clock mode switching selection data
D2
D1
1
1
0
0
0
0
0
DD
DO
DI
CL
CE
0
D43 D44
1
1
0
DD
0
0
0
0
0
B0
DD
B1 B2 B3 A0 A1 A2 A3
B0 B1 B2 B3 A0 A1 A2 A3
B0 B1 B2 B3 A0 A1 A2 A3
0
0
DR
SC
P2
P1
P0
K1
K0
KC1
KC0
DT
D42
D41
0
KC2 KSC
0C
0
0
SP
FC0 FC1 FC2
1
D83 D84 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
D126
D125
D86
D85
1
1
0
0
0
0
0
0
0
0
Display data
Control data
Fixed data
Display data
Display data
Fixed data


Similar Part No. - LC75857W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75857W SANYO-LC75857W Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75857W-E ONSEMI-LC75857W-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75857WH-E ONSEMI-LC75857WH-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75857WS-E ONSEMI-LC75857WS-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

Similar Description - LC75857W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com