Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37220M3-157SP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M37220M3-157SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37220M3-157SP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37220M3-157SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37220M3-157SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
MITSUBISHI MICROCOMPUTERS
M37220M3-XXXSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
3
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output ports
Serial I/O
A-D comparatpr
D-A converter
PWM output circuit
Timers
Subroutine nesting
Interrupt
Clock generating circuit
Power source voltage
Power dissipation
Operating temperature range
Device structure
Package
CRT display function
71
0.5
µs (the minimum instruction execution time, at 8 MHz oscillation fre-
quency)
8 MHz (maximum)
12K bytes
256 bytes
4K bytes
80 bytes
8-bit ! 1 (N-channel open-drain output structure, can be used as PWM
output pins, INT input pins, A-D input pin)
8-bit ! 1 (CMOS input/output structure, can be used as A-D input pins, INT
input pin)
2-bit ! 1 (CMOS input/output or N-channel open-drain output structure,
can be used as serial output pins)
6-bit ! 1 (CMOS input/output structure, can be used as serial input pin,
external clock input pins)
2-bit ! 1 (CMOS input/output or N-channel open-drain output structure,
can be used as A-D input pins, D-A conversion output pins)
1-bit ! 1 (N-channel open-drain output structure)
2-bit ! 1 (can be used as CRT display clock I/O pins)
4-bit ! 1 (CMOS output structure, can be used as CRT output pins)
8-bit ! 1
6 channels (6-bit resolution)
2 (6-bit resolution)
14-bit ! 1, 8-bit ! 6
8-bit timer ! 4
96 levels (maximum)
External interrupt ! 3, Internal timer interrupt ! 4, Serial I/O interrupt ! 1,
CRT interrupt ! 1, XIN/4096 interrupt ! 1, VSYNC interrupt ! 1,
BRK interrupt ! 1
2 built-in circuits (externally connected a ceramic resonator or a quartz-
crystal oscillator)
5 V
± 10 %
165 mW typ. (at oscillation frequency fCPU = 8 MHz, fCRT = 8 MHz)
110 mW typ. (at oscillation frequency fCPU = 8 MHz)
1.65 mW (maximum)
–10
°C to 70 °C
CMOS silicon gate process
42-pin shrink plastic molded DIP
20 characters ! 2 lines (maximum 16 lines by software)
12 ! 16 dots
128 kinds
3 kinds
Maximum 7 kinds (R, G, B); can be specified by the character
64 levels (horizontal) ! 128 levels (vertical)
Parameter
Functions
FUNCTIONS
ROM
RAM
CRT ROM
CRT RAM
P0
P10–P17
P20, P21
P22–P27
P30, P31
P32
P33, P34
P52–P55
I/O
I/O
I/O
I/O
I/O
I/O
Input
Output
CRT ON
CRT OFF
In stop mode
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
Kinds of character colors
Display position (horizontal, vertical)


Similar Part No. - M37220M3-157SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37220M3-XXXSP RENESAS-M37220M3-XXXSP Datasheet
1Mb / 54P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37220M3-157SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com