Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

42118-018 Datasheet(PDF) 1 Page - Micropac Industries

Part # 42118-018
Description  POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42118-018 Datasheet(HTML) 1 Page - Micropac Industries

  42118-018 Datasheet HTML 1Page - Micropac Industries 42118-018 Datasheet HTML 2Page - Micropac Industries 42118-018 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
08/03/01
42118
POSITIVE HIGH TEMPERATURE
FIXED VOLTAGE REGULATOR
Designed for use in high temperature environments
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Operating temperature +200ºC
Output current to 1.0 A
Input voltage to +30 V
Internal short circuit protection, foldback and
current limiting
Isolated TO-258 package
Applications:
Military and Hi Rel Industrial harsh environment
applications where hermetically sealed product is
required
Down hole applications
DESCRIPTION
The 42118 series of fixed voltage regulators covers the output voltage range from +5 VDC through +30 VDC. These voltage
regulators are fabricated using hybrid techniques and will operate at temperatures up to +200ºC. These devices are
complete with internal short circuit protection, which includes voltage shutdown and current foldback. The 42118 series
voltage regulators normally do not require any additional components. However, for good design practice, an external filter
cap of 2µF should be installed at the input, as close to the case as possible.
ABSOLUTE MAXIMUM RATINGS AT 200°C CASE TEMPERATURE
Output Current (IOUT) ............................................................................................................................................................1.0 A
Input Voltage (VIN) ........................................................................................................................................................ +38 VDC
Storage Temperature (TSTG)............................................................................................................................................. +250°C
Power Dissipation (Pd) ...........................................................................................................................................................8 W
Typical Connection Diagram
Note: D1 should be installed for input safety.
D1
INPUT
OUTPUT
+
COMMON
+
2uf
RECTIFIED
VOUT
REGULATED
AS REQUESTED
VIN
AS REQUESTED
HEADER
2


Similar Part No. - 42118-018

ManufacturerPart #DatasheetDescription
Micropac Industries
Micropac Industries
42118-018 MICROPAC-42118-018 Datasheet
109Kb / 3P
   POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
More results

Similar Description - 42118-018

ManufacturerPart #DatasheetDescription
Micropac Industries
Micropac Industries
42118 MICROPAC-42118_05 Datasheet
109Kb / 3P
   POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
Microsemi Corporation
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
Seme LAB
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
KODENSHI_AUK CORP.
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
Microsemi Corporation
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
Micro Electronics
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
Microsemi Corporation
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com