Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCDN614-UBM Datasheet(PDF) 1 Page - ON Semiconductor

Part # FCDN614-UBM
Description  1-Channel ESD Protector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN614-UBM Datasheet(HTML) 1 Page - ON Semiconductor

  FCDN614-UBM Datasheet HTML 1Page - ON Semiconductor FCDN614-UBM Datasheet HTML 2Page - ON Semiconductor FCDN614-UBM Datasheet HTML 3Page - ON Semiconductor FCDN614-UBM Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2012
June, 2012 − Rev. 4
1
Publication Order Number:
FCDN614−UBM/D
FCDN614-UBM
1-Channel ESD Protector
Functional Description
The FCDN614-UBM provides robust ESD protection for sensitive
parts that may be subjected to electrostatic discharge (ESD). The tiny
form factor and single wirebond requirement enables it to be used in
very confined spaces. The electrical ‘back-to-back Zener’
configuration also provides ESD protection in cases where nodes with
AC signals are present. This device is designed and characterized to
safely dissipate ESD strikes of at least
±8 kV, according to the
MIL-STD-883 (Method 3015) specification for Human Body Model
(HBM) ESD.
Features
Compact Die Protects from ESD Discharges
Almost No Conduction at Signal Amplitudes Less than ±4V
ESD Protection to over ±8 kV Contact Discharge per MIL_STD_883
International ESD Standard
Applications
LED Lighting
Modules
Interface Circuits
Figure 1. Applications Drawing
NOTE: The diagram shows a typical application with an AuSn or Au back metal on the ESD die. The diagram also shows the
polarity convention for the ESD die.
http://onsemi.com
ORDERING INFORMATION
For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
ELECTRICAL SCHEMATIC
Bare Silicon on Underside
Al (Aluminum on Underside)


Similar Part No. - FCDN614-UBM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN605-UBM ONSEMI-FCDN605-UBM Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
FCDN608-UBM ONSEMI-FCDN608-UBM Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
More results

Similar Description - FCDN614-UBM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
HBL2020 ONSEMI-HBL2020 Datasheet
47Kb / 3P
   1-Channel ESD Protector
June, 2015 ??Rev. 0
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com