Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC05111CMT Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC05111CMT
Description  Protection IC with integrated Power MOS FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC05111CMT Datasheet(HTML) 1 Page - ON Semiconductor

  LC05111CMT Datasheet HTML 1Page - ON Semiconductor LC05111CMT Datasheet HTML 2Page - ON Semiconductor LC05111CMT Datasheet HTML 3Page - ON Semiconductor LC05111CMT Datasheet HTML 4Page - ON Semiconductor LC05111CMT Datasheet HTML 5Page - ON Semiconductor LC05111CMT Datasheet HTML 6Page - ON Semiconductor LC05111CMT Datasheet HTML 7Page - ON Semiconductor LC05111CMT Datasheet HTML 8Page - ON Semiconductor LC05111CMT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Publication Order Number :
LC05111CMT/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
January 2015 - Rev. 2
ORDERING INFORMATION
See detailed ordering and shipping information on page 17 of this data sheet.
LC05111CMT
Overview
The LC05111CMT is a protection IC for 1-cell lithium-ion secondary
batteries with integrated power MOS FET. Also it integrates highly
accurate detection circuits and detection delay circuits to prevent batteries
from over-charging, over-discharging, over-current discharging and
over-current charging.
A battery protection system can be made by only LC05111CMT and few
external parts.
Feature
Charge-and-discharge power MOSFET are integrated at Ta = 25C, VCC = 4.5V
ON resistance (total of charge and discharge) 11.2m
 (typ)
 Highly accurate detection voltage/current at Ta = 25C, VCC = 3.7V
Over-charge detection ±25mV
Over-discharge detection
±50mV
Charge over-current detection
±0.7A
Discharge over-current detection ±0.7A
 Delay time for detection and release (fixed internally)
 Discharge/Charge over-current detection is compensated for temperature dependency of power FET
 0V battery charging
: “Permission”
 Auto wake-up function battery charging
: “Permission”
 Over charge detection voltage
: 4.0V to 4.5V (5mV steps)
 Over charge release hysteresis
: 0V to 0.3V (100mV steps)
 Over discharge detection voltage
: 2.2V to 2.7V (50mV steps)
 Over discharge release hysteresis at Auto wake-up : 0V to 0.6V (200mV steps)
 Over discharge release hysteresis
: 0V to 0.075V (25mV steps)
 Discharge over current detection
: 2.0A to 8.0A (0.5A steps)
 Charge over current detection
:
8.0A to -2.0A (0.5A steps)
Typical Applications
 Lithium ion battery protection
CMOS LSI
1-Cell Lithium-Ion Battery
Protection IC with integrated
Power MOS FET
WDFN6 2.6x4.0, 0.65P, Dual Flag


Similar Part No. - LC05111CMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
logo
Shanghai Leiditech Elec...
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
LC0511CDN LEIDITECH-LC0511CDN Datasheet
262Kb / 3P
   1-Line Bi-directional Low Capacitance TVS Diode
More results

Similar Description - LC05111CMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
LC05132C01NMT ONSEMI-LC05132C01NMT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
March 2015 - Rev. 1
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
   LI-ION PROTECTION IC WITH POWER MOS
logo
Rohm
BD906XX ROHM-BD906XX Datasheet
1Mb / 37P
   Integrated Pch POWER MOS FET
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com