Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75805PE Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC75805PE
Description  LCD Display Driver with LED Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75805PE Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC75805PE Datasheet HTML 7Page - ON Semiconductor LC75805PE Datasheet HTML 8Page - ON Semiconductor LC75805PE Datasheet HTML 9Page - ON Semiconductor LC75805PE Datasheet HTML 10Page - ON Semiconductor LC75805PE Datasheet HTML 11Page - ON Semiconductor LC75805PE Datasheet HTML 12Page - ON Semiconductor LC75805PE Datasheet HTML 13Page - ON Semiconductor LC75805PE Datasheet HTML 14Page - ON Semiconductor LC75805PE Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LC75805PE
No.A2119-11/34
Control data
17 bits
CCB address
8 bits
Display data for LCD
108 bits
DD
3 bits
Fixed data
9 bits
CCB address
8 bits
Control data
148 bits
Control data
49 bits
CCB address
8 bits
Display data
for LED
48 bits
Fixed data
12 bits
DD
3 bits
(2) When CL is stopped at the high level
(Note 1) The input of serial data is taken in at the rising edge of CL, and latched at the falling edge of CE. In addition,
this IC has the function that counts the number of CL clock to receive the correct serial data. That is to say,
because it isn’t latched at the falling edge of CE when the number of the count of CL in each serial data is
wrong, receiving wrong serial data can be prevented.
(Note 2) DD • • • Direction Data
• CCB address ......................... “87H”
• D1 to D108 ........................... Display data for LCD
• OC ........................................ Control data for switch of internal oscillator operating mode and external clock operating mode
• FC0 to FC3 ........................... Control data for setting of the frame frequency of common and segment output waveform
• DT0, DT1 ............................. Control data for setting of drive scheme (setting of 1/1 to 1/4 Duty Drive scheme) of LCD
• SC ......................................... Control data for turning on/off segments
• BU ........................................ Control data for switch of Normal mode and Power-saving mode
• L1A, L1B, L1C to L48A, ...... Control data for Ch settings of PWM circuits that adjust brightness of LED
L48B, L48C
• PF0 to PF3 ............................ Control data for setting of the frame frequency of LED driver output waveform
• LT1 to LT48 ......................... Display data for LED
• W10 to W16, W20 to W26,... PWM data of PWM circuits of LED driver output
W30 to W36, W40 to W46,
W50 to W56, W60 to W66
W70 to W76
B1
B0
D2
D1
1
1
D106
OC
0
DI
CL
CE
1
0
0
0
0
0
1
B3
B2
A1
A0
A3
A2
D107
0
00
0
0
BU
SC
FC2
FC1
1
0
0
FC0
0
FC3 DT0 DT1
D108
D104 D105
D103
D102
D101
B1
B0
L1B
L1A
1
1
L46C
0
PF3
1
0
0
L47C
0
0
1
B3
B2
A1
A0
A3
A2
L47A
L48B
L48A
L48C
PF2
PF0
0
0
0
0
1
0
1
0
PF1
0 0 0
L47B
L45C L46A L46B
L45B
L45A
W65
W64
W54
W52
W56
W55
W60
W63
W61
W76
W75
W71
W70
0
1
1
W66
W62
W72 W73 W74
W53
B1
B0
LT2
LT1
1
1
0...
W22
W21
1
0
0
W11
0
0
1
B3
B2
A1
A0
A3
A2
0
W13
W12
W14
W20
W15
W33
W32
W25
W24
W36
W35
W34
W23
W16
W26 W30 W31
W10
0
LT48
LT47
W51
W50
W46
W45
W44
W43
W42
W41
W40
DD
3 bits


Similar Part No. - LC75805PE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
325Kb / 34P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 2
LC75805PEH-3H ONSEMI-LC75805PEH-3H Datasheet
325Kb / 34P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 2
LC75805PES-3H ONSEMI-LC75805PES-3H Datasheet
325Kb / 34P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 2
LC75805PE ONSEMI-LC75805PE_17 Datasheet
325Kb / 34P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 2
More results

Similar Description - LC75805PE

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
LC75879PT ONSEMI-LC75879PT_13 Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
   LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com