Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H10425 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H10425
Description  Head-on PMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H10425 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H10425_15 Datasheet HTML 1Page - Hamamatsu Corporation H10425_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
Specifications
Product Variations
Head-on PMT
Photosensor Modules H10425 Series
The H10425 series is a photosensor module containing a 25-mm (1") diame-
ter head-on photomultiplier tube and a high-voltage power supply. It has a
photosensitive area as large as 22 mm in diameter and also features a fast
time response.
Two products, one with a bialkali photocathode and one with a multialkali
photocathode, are provided.
*1: At +15 V input voltage, +1.0 V control voltage, and output current equal to dark current.
*2: DAC (I2C interface) can be installed in the module. Please specify when ordering.
*3: Measured at the peak sensitivity wavelength
*4: Control voltage = +1.0 V
*5: After 30 minutes storage in darkness
*6: Cable RG-174/U, Cable length 450 mm, load resistance = 1 M
Ω, load capacitance = 22 pF
*7: The time required for the output to reach a stable level following a change in the control voltage from +1.0 V to +0.5 V.
*8: No condensation
Parameter
Input Voltage
Max. Input Voltage
Max. Input Current *1
Max. Output Signal Current
Max. Control Voltage
Recommended Control Voltage Adjustment Range *2
Effective Area
Peak Sensitivity Wavelength
Rise Time *4
Ripple Noise *4 *6 (peak to peak)
Settling Time *7
Operating Ambient Temperature *8
Storage Temperature *8
Weight
+11.5 to +15.5
+18
3.0
100
+1.2 (Input impedance 1 M
Ω)
+0.5 to +1.1
22
420
3
20
1.5
0.5
10
+5 to +50
-20 to +50
80
150
0.2
64
20
75
3.2
× 104
180
60
90
10.5
85
40
180
1.7
× 105
170
H10425
H10425-01
Unit
V
V
mA
µA
V
V
mm
nm
µA/lm
mA/W
A/lm
A/W
nA
ns
mV
s
°C
°C
g
Min.
Typ.
Typ.
Typ.
Typ.
Min.
Typ.
Typ.
Typ.
Max.
Max.
Luminous Sensitivity
Blue Sensitivity Index (CS 5-58)
Red / White Ratio
Radiant Sensitivity *3
Luminous Sensitivity *4
Radiant Sensitivity *3 *4
Dark Current *1 *5
H10425
H10425-01
300 nm to 650 nm
300 nm to 850 nm
For visible range
For visible to near IR range
Type No.
Spectral Response
Features
(at +25
°C)
This product can't be used at vacuum environment or reduced pressure environment.


Similar Part No. - H10425_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1042 ETC-H1042 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Hamamatsu Corporation
H10426 HAMAMATSU-H10426_15 Datasheet
66Kb / 2P
   Head-on PMT
logo
Pulse A Technitrol Comp...
H1042NL PULSE-H1042NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1042NL4 PULSE-H1042NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1042NL4 PULSE-H1042NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H10425_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11870 HAMAMATSU-H11870_15 Datasheet
104Kb / 2P
   Head-on PMT
H10492 HAMAMATSU-H10492_15 Datasheet
80Kb / 2P
   Head-on PMT
H10426 HAMAMATSU-H10426_15 Datasheet
66Kb / 2P
   Head-on PMT
H9319 HAMAMATSU-H9319_15 Datasheet
76Kb / 2P
   Head-on PMT
H7360 HAMAMATSU-H7360_15 Datasheet
81Kb / 2P
   Head-on PMT
H10493 HAMAMATSU-H10493_15 Datasheet
75Kb / 2P
   Head-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
   Compact Head-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828_15 Datasheet
83Kb / 2P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826_15 Datasheet
84Kb / 1P
   Compact Head-on PMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com