Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV4N22 Datasheet(PDF) 1 Page - Micropac Industries

Part # JANTXV4N22
Description  JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

JANTXV4N22 Datasheet(HTML) 1 Page - Micropac Industries

  JANTXV4N22 Datasheet HTML 1Page - Micropac Industries JANTXV4N22 Datasheet HTML 2Page - Micropac Industries JANTXV4N22 Datasheet HTML 3Page - Micropac Industries JANTXV4N22 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 7
4N22
4N23
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N24
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Overall current gain...1.5 typical (4N24)
Base lead provided for conventional transistor
biasing
Rugged package
High gain, high voltage transistor
+1kV electrical isolation
Applications:
Eliminate ground loops
Level shifting
Line receiver
Switching power supplies
Motor control
DESCRIPTION
Gallium Aluminum Arsenide (GaAlAs) infrared LED and a high gain N-P-N silicon phototransistor packaged in a hermetically
sealed metal case. The 4N22, 4N23 and 4N24’s can be tested to customer specifications, as well as to MIL-PRF-19500 JAN,
JANS, JANTX and JANTXV quality levels.
*ABSOLUTE MAXIMUM RATINGS
Input to Output Voltage........................................................................................................................................................ ±1kV
Emitter-Collector Voltage.......................................................................................................................................................... 4V
Collector-Emitter Voltage (VCEO, IF = 0)....................................................................................................................................35V
Collector-Base Voltage (VCEO, IF = 0) .......................................................................................................................................35V
Reverse Input Voltage ............................................................................................................................................................. 2V
Input Diode Continuous Forward Current at (or below) 65°C Free-Air Temperature (see note 1) ....................................40mA
Peak Forward Input Current (Value applies for tw < 1µs PRR < 300 pps) .............................................................................. 1A
Continuous Collector Current ..............................................................................................................................................50mA
Continuous Transistor Power Dissipation at (or below) 25°C Free-Air Temperature (see Note 2) ................................300mW
Storage Temperature..........................................................................................................................................-65°C to +125°C
Operating Free-Air Temperature Range ............................................................................................................-55°C to +125°C
Lead Solder Temperature (1/16” (1.6mm) from case for 10 seconds) .............................................................................. 240°C
Notes:
1. Derate linearly to 125°C free-air temperature at the rate of 0.67 mA/°C above 65°C.
2. Derate linearly to 125°C free-air temperature at the rate of 5 mW/°C above 65°C.
* JEDEC registered data
Package Dimensions
Schematic Diagram
NOTE: ALL LINEAR DIMENSIONS ARE IN INCHES (MILLIMETERS)
6 LEADS
0.016Ø [0.41]
0.019Ø [0.48]
1
2
3
5
6
7
0.335 [8.51]
0.305 [7.75]
MIN.
0.040 [1.02]
MAX.
0.500 [12.70]
0.155 [3.94]
0.185 [4.70]
0.045 [1.14]
0.029 [0.73]
0.034 [0.864]
0.028 [0.711]
45°
TO5
0.022Ø [5.08]
7 K
A
5
2
B
E 1
3
C


Similar Part No. - JANTXV4N22

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
JANTXV4N22 OPTEK-JANTXV4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
logo
Micropac Industries
JANTXV4N22A MICROPAC-JANTXV4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
OPTEK Technologies
JANTXV4N22A OPTEK-JANTXV4N22A Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - JANTXV4N22

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
66229 MICROPAC-66229 Datasheet
193Kb / 3P
   CONSTANT CURRENT TRANSFER RATIO, SINGLE CHANNEL OPTOCOUPLERS, SCREENED TO JAN, JANTX, JANTXV
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
logo
Microsemi Corporation
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
logo
Micropac Industries
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com