Electronic Components Datasheet Search |
|
LC75897PW Datasheet(PDF) 1 Page - ON Semiconductor |
|
LC75897PW Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 35 page 1 Publication Order Number : LC75897PW/D http://onsemi.com © Semiconductor Components Industries, LLC, 2014 September 2014 - Rev. 0 ORDERING INFORMATION See detailed ordering and shipping information on page 35 of this data sheet. LC75897PW Overview The LC75897PW is 1/3 duty and 1/4 duty general-purpose LCD display driver that can be used for frequency display in electronic tuners under the control of a microcontroller. The LC75897PW can drive an LCD with up to 512 segments directly. The LC75897PW can also control up to 8 general- purpose output ports. The LC75897PW has a built-in of up to three PWM output port channels, which enables to adjust the brightness of the RGB LED backlight. Features Switching between 1/3 duty and 1/4 duty drive techniques under serial data control. Switching between 1/2 bias and 1/3 bias drive techniques under serial data control. Up to 387 segments for 1/3 duty drive and 512 segments for 1/4 duty drive can be displayed. Switching between the segment, general-purpose, PWM, and clock output ports can be controlled using serial data (up to 8 general-purpose output ports, up to 3-channel PWM output ports, and one clock output port). Serial data input supports CCB format communication with the system controller. Serial data control of the power-saving mode based backup function and all the segments forced off function. Serial data control of the frame frequency for common and segment output waveforms. Serial data control of switching between the RC oscillator operating mode and external clock operating mode. High generality, since display data is displayed directly without decoder intervention. Built-in display contrast adjustment circuit Independent VLCD for the LCD driver block The INH pin can force the display to the off state. RC oscillator circuit CMOS LSI 1/3, 1/4-Duty General-Purpose LCD Driver CCB is ON Semiconductor® ’s original format. All addresses are managed by ON Semiconductor® for this format. CCB is a registered trademark of Semiconductor Components Industries, LLC. SQFP144(20X20) |
Similar Part No. - LC75897PW |
|
Similar Description - LC75897PW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |