Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61063 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61063
Description  PHOTODIODE ?쏱ILL PACK?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61063 Datasheet(HTML) 2 Page - Micropac Industries

  61063 Datasheet HTML 1Page - Micropac Industries 61063 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 19
61063
SILICON PHOTODIODE “PILL PACK”
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Light Current
61063-X01
IL
6.0
15
µA
VR = 5.0V, H = 20mW/cm
2
1
Dark Current
61063-XXX
ID
250
nA
VCE = 5V, H = 0
1
Reverse Breakdown Voltage
61063-XXX
VBR
15
V
IR = 100µA, H = 0
Rise Time
61063-X01
tr
300
nS
VR = 5V
Fall Time
61063-X01
tf
300
nS
VR = 5V
Angular Response
61063-X01
θ
24
degrees
2
NOTES:6
1.
Irradiance in mW/cm
2
from a tungsten source at a color temperature of 2870K.
2.
The angle between incidence for peak response and incidence for 50% of peak response.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
VR
510
V
Irradiance (H)
H
15
25
mW/cm
2
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61063-001
Silicon Photodiode in pill package, commercial version
+6µA
61063-101
Silicon Photodiode in pill package (-55° to +100°C) with 100% screening
+6µA


Similar Part No. - 61063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6106 ETC2-6106 Datasheet
160Kb / 1P
   THE BREADBOARDING MEDIUM FOR SURFACE MOUNT
logo
Pomona Electronics
6106 POMONA-6106 Datasheet
116Kb / 1P
   DMM RF Detector Test Probe
logo
Christian Bürkert GmbH ...
6106 BURKERT-6106 Datasheet
1Mb / 17P
   2/2 or 3/2 way Pneumatic-Rocker-Solenoid Valve
03.02.2023
logo
Micropac Industries
61060 MICROPAC-61060 Datasheet
77Kb / 2P
   PHOTODIODE ?쏱IGTAIL?
61060-001 MICROPAC-61060-001 Datasheet
77Kb / 2P
   PHOTODIODE ?쏱IGTAIL?
More results

Similar Description - 61063

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61056 MICROPAC-61056 Datasheet
86Kb / 2P
   PHOTODARLINGTON ?쏱ILL PACK?
61055 MICROPAC-61055 Datasheet
90Kb / 3P
   SILICON PHOTOTRANSISTOR ?쏱ILL PACK?
62000 MICROPAC-62000 Datasheet
87Kb / 3P
   GaAs LIGHT EMITTING DIODE ?쏱ILL PACK?
62005 MICROPAC-62005 Datasheet
79Kb / 2P
   GaAlAs LIGHT EMITTING DIODE ?쏱ILL PACK?
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
   Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
   Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
   Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
   Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com