Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62102
Description  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62102 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62102 Datasheet HTML 1Page - Texas Instruments TPS62102 Datasheet HTML 2Page - Texas Instruments TPS62102 Datasheet HTML 3Page - Texas Instruments TPS62102 Datasheet HTML 4Page - Texas Instruments TPS62102 Datasheet HTML 5Page - Texas Instruments TPS62102 Datasheet HTML 6Page - Texas Instruments TPS62102 Datasheet HTML 7Page - Texas Instruments TPS62102 Datasheet HTML 8Page - Texas Instruments TPS62102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = –40 C to
85 C, TA = TJ, typical values are at TA = 25 C, VIN = 7.2 V, MODE = 1 (constant frequency),
SD/SYNC = 0 V. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pulse Width Modulator Section
TPS62100,
300 kHz version,
VIN = 5 V
225
300
375
kHz
SW switching frequency
TPS62101,
600 kHz version,
VIN = 5 V
450
600
750
kHz
SW switching frequency
TPS62102,
1 MHz version,
VIN = 5 V
0.75
1
1.25
MHz
TPS62103,
2 MHz version,
VIN = 5 V
1.5
2
2.5
MHz
TPS62100,
300 kHz version,
VIN = 5 V,
See Notes 1 and 2
490
kHz
Maximum sync frequency
TPS62101,
600 kHz version,
VIN = 5 V,
See Notes 1 and 2
966
kHz
Maximum sync. frequency
TPS62102,
1 MHz version,
VIN = 5 V,
See Notes 1 and 2
1.61
MHz
TPS62103,
2 MHz version,
VIN = 5 V,
See Notes 1 and 2
2.5
MHz
Maximum duty cycle
COMP = 2.5 V
100%
Minimum duty cycle
COMP = 0 V
0%
Output Switch Section
SW NFET RDS(on)
ISW = 500 mA
VIN = 7.2 V
0.3
0.6
SW PFET RDS(on)
ISW = –500 mA
VIN = 7.2 V
0.5
1
SW NFET RDS(on)
ISW = 500 mA
VIN = 3.6 V
0.6
1.2
SW PFET RDS(on)
ISW = –500 mA
VIN = 3.6 V
0.8
1.6
SW output leakage
SW = 4.5V
VIN = 9 V
–10
0
10
µA
SW charge switch current limit 1
Terminates pulse
0.65
0.95
1.25
A
SW charge switch current limit 2
Initiates soft-start,
See Note 1
0.75
1.15
1.55
A
SW current, light-load mode
Peak inductor current
112
160
208
mA
Shutdown and Synchronization Section
SD/SYNC threshold
0.5
1
2.3
V
SD/SYNC input current
SD/SYNC = 0 V
–100
0
100
nA
SD/SYNC input current
SD/SYNC = 7.2 V
–1
0
1
µA
Maximum synchronization pulse width
25
37
µs
Minimum synchronization pulse width
50
ns
Three–State Mode Control Input Section
Light-load MODE threshold
225
300
410
mV
Constant frequency MODE threshold
475
600
750
mV
Open circuit MODE voltage
375
450
510
mV
MODE input-low current
Mode = 0 V
–20
–12
–5
µA
MODE input-high current
Mode = 1.4 V
10
22
33
µA
NOTES:
1. Ensured by design. Not production tested.
2. Minimum synchronization frequency must be less than the natural running frequency.


Similar Part No. - TPS62102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62102 TI-TPS62102 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
TPS62102D TI-TPS62102D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Similar Description - TPS62102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com