Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62000-104 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62000-104
Description  GaAs LIGHT EMITTING DIODE ?쏱ILL PACK?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62000-104 Datasheet(HTML) 1 Page - Micropac Industries

  62000-104 Datasheet HTML 1Page - Micropac Industries 62000-104 Datasheet HTML 2Page - Micropac Industries 62000-104 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
6 - 23
62000
GaAs LIGHT EMITTING DIODE “PILL PACK”
(TYPE GS1140)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically sealed
High output, 940nm
Small package
PC board mountable
Spectrally matched to the 61055 series detector
Applications
Incremental encoding
Reflective sensors
Position sensors
Level sensors
DESCRIPTION
The 62000 is a P-N GaAs Infrared Light Emitting Diode in a lensed “pill” package designed to be mounted in a double-clad
printed circuit board. It is spectrally and mechanically matched to companion phototransistors and photodarlingtons with it’s
narrow beam angle lens and small size which make it ideal for use in optical encoders, card reader arrays, etc. Available
binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature..........................................................................................................................................-65°C to +150°C
Operating Temperature ......................................................................................................................................-65°C to +125°C
Reverse Voltage( at 25°C case temperature) ...................................................................................................................... 2Vdc
Forward Current-Continuous .............................................................................................................................................100mA
Soldering Temperature (3 Minutes) ................................................................................................................................... 240°C
Package Dimensions
Schematic Diagram
R0.010 ±0.001 [0.25]
0.24 [0.61]
0.016 [0.41]
Ø0.061 [1.55]
Ø0.058 [1.47]
0.092 [2.34]
0.084 [2.13]
0.115 [2.92]
0.102 [2.59]
0.088 [2.24]
0.082 [2.08]
0.067 [1.70]
0.063 [1.60]
0.010 [0.25]
0.005 [0.013]
0.019 [0.48]
0.009 0.23]
LENS
CERAMIC
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
ANODE
CATHODE


Similar Part No. - 62000-104

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
62000113722 WURTH-62000113722 Datasheet
858Kb / 2P
   2.00 MM FEMALE CRIMP TERMINAL
62000211121 WURTH-62000211121 Datasheet
258Kb / 6P
   2.00mm THT Straight Single Pin Header WR-PHD
002.000
62000211821 WURTH-62000211821 Datasheet
224Kb / 5P
   2.00mm THT Straight Single Socket Header WR-PHD
002.000
logo
Analog Devices
62000311121 AD-62000311121 Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Wurth Elektronik GmbH &...
62000311121 WURTH-62000311121 Datasheet
258Kb / 6P
   2.00mm THT Straight Single Pin Header WR-PHD
002.000
More results

Similar Description - 62000-104

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62005 MICROPAC-62005 Datasheet
79Kb / 2P
   GaAlAs LIGHT EMITTING DIODE ?쏱ILL PACK?
61056 MICROPAC-61056 Datasheet
86Kb / 2P
   PHOTODARLINGTON ?쏱ILL PACK?
logo
Panasonic Semiconductor
LN54 PANASONIC-LN54 Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LN65 PANASONIC-LN65 Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LN66L PANASONIC-LN66L Datasheet
42Kb / 3P
   GaAs Infrared Light Emitting Diode
LNA2W01L PANASONIC-LNA2W01L Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LNA4905L PANASONIC-LNA4905L Datasheet
21Kb / 1P
   GaAs Infrared Light Emitting Diode
logo
Micropac Industries
62017 MICROPAC-62017 Datasheet
89Kb / 2P
   GaAs LIGHT EMITTING DIODE ?쏱IGTAIL?
logo
Panasonic Semiconductor
LN162S PANASONIC-LN162S Datasheet
39Kb / 2P
   GaAs Infrared Light Emitting Diode
LN52 PANASONIC-LN52 Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com