Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62590-Q1
Description  TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm2-mm SON Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62590-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62590-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
Thermal Pad
TPS62590-Q1
www.ti.com
SLVSAO5B – DECEMBER 2010 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DRV Package
6-Pin SON With Exposed Thermal pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
This is the switch pin and is connected to the internal MOSFET switches. Connect the external inductor
1
SW
O
between this terminal and the output capacitor.
MODE pin = high forces the device to operate in fixed-frequency PWM mode. Mode pin = low enables the
2
MODE
I
power-save mode with automatic transition from PFM mode to fixed-frequency PWM mode.
Feedback pin for the internal regulation loop. Connect the external resistor divider to this pin. In case of
3
FB
I
fixed output-voltage option, connect this pin directly to the output capacitor.
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling
4
EN
I
this pin to high enables the device. This pin must be terminated.
5
VIN
PWR
VIN power supply pin
6
GND
GND
GND supply pin
Thermal
Must be soldered to achieve appropriate power dissipation. Should be connected to GND.
pad
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62590-Q1


Similar Part No. - TPS62590-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com