Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62590-Q1
Description  TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm2-mm SON Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62590-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62590-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS62590-Q1
www.ti.com
SLVSAO5B – DECEMBER 2010 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6 V. External components CIN = 10 μF 0603, COUT = 10 μF 0603, L = 2.2 μH; see Parameter
Measurement Information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VI
Input voltage range
2.5
6
V
VIN 2.7 V to 6 V
1000
IO
Output current(1)
mA
VIN 2.5 V to 2.7 V
600
IO = 0 mA, PFM mode enabled
(MODE = GND) device not switching,
15
μA
See (2)
IQ
Operating quiescent current
IO = 0 mA, switching with no load
(MODE = VIN) PWM mode,
3.8
mA
VO = 1.8 V, VIN = 3 V
ISD
Shutdown current
EN = GND
0.5
μA
Falling
1.85
UVLO
Undervoltage lockout threshold
V
Rising
1.95
ENABLE, MODE
High-level input voltage, EN,
VIH
2.5 V
≤ VIN ≤ 6 V
1
VIN
V
MODE
Low-level input voltage, EN,
VIL
2.5 V
≤ VIN ≤ 6 V
0
0.4
V
MODE
II
Input bias current, EN, MODE
EN, MODE = GND or VIN
0.01
1
μA
POWER SWITCH
High-side MOSFET on-resistance
250
rDS(on)
VIN = VGS = 3.6 V, TA = 25°C
m
Low-side MOSFET on-resistance
190
Forward current limit MOSFET
ILIMF
VIN = VGS = 3.6 V, TA = 25°C
1.19
1.4
1.78
A
high-side and low-side
Thermal shutdown
Increasing junction temperature
140
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
OSCILLATOR
fSW
Oscillator frequency
2.5 V
≤ VIN ≤ 6 V
2.25
MHz
OUTPUT
VO
Adjustable output voltage range
0.75
VI
V
Vref
Reference voltage
600
mV
MODE = VIN, PWM mode,
VFB(PWM)
Feedback voltage
–2.5%
0%
2.5%
2.5 V
≤ VIN ≤ 6 V, See
(3)
MODE = GND, device in PFM mode,
VFB(PFM)
Feedback voltage, PFM mode
1%
1% voltage positioning active, See (2)
Load regulation
–1
%/A
Time from active EN to reach 95% of
500
tStart Up
Start-up time
μs
VO
tRamp
VO ramp-up time
Time to ramp from 5% to 95% of VO
250
μs
VI = 3.6 V, VI = VO = VSW, EN = GND,
Ilkg
Leakage current into SW pin
0.1
1
μA
See (4)
(1)
Not production tested.
(2)
In PFM mode, the internal reference voltage is set to typ. 1.01 × Vref . See Parameter Measurement Information.
(3)
For VIN = VO + 1 V
(4)
In fixed output-voltage versions, the internal resistor divider network is disconnected from the FB pin.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62590-Q1


Similar Part No. - TPS62590-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com