Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62590-Q1
Description  TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm2-mm SON Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62590-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62590-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS62590-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
V
− InputVoltage − V
IN
0
0.1
0.2
0.3
0.4
0.7
0.8
2.5
3
3.5
4
4.5
5
0.5
0.6
HighSideSwitching
T
=85 C
A
o
T
=25 C
A
o
T
=-40 C
A
o
V
− InputVoltage − V
IN
0
0.05
0.1
0.15
0.2
0.35
0.4
2.5
3
3.5
4
4.5
5
0.25
0.3
T
=85 C
A
o
T
=25 C
A
o
T
=-40 C
A
o
LowSideSwitching
V
− InputVoltage − V
IN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.5
4
4.5
5
5.5
T
=85 C
A
o
T
=-40 C
A
o
EN=GND
T
=25 C
A
o
V
− InputVoltage − V
IN
10
12
14
16
18
20
2.5
3
3.5
4
4.5
5
5.5
8
T
=-40 C
A
o
T
=25 C
A
o
T
=85 C
A
o
MODE=GND,
EN=VIN,
DeviceNotSwitching
TimeBase-10 s/Div
m
V
20mV/Div
OUT
V
3.6V,
V
1.8V,I
10mA,
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
SW2V/Div
I
200mA/Div
coil
TimeBase-10 s/Div
m
V
3.6V,
V
1.8V,I
150mA,
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
V
10mV/Div
OUT
SW2V/Div
I
200mA/Div
coil
TPS62590-Q1
www.ti.com
SLVSAO5B – DECEMBER 2010 – REVISED OCTOBER 2015
Figure 14. Typical Performance – PWM Mode
Figure 13. Typical Performance – PFM Mode
Figure 15. Shutdown Current Into VIN vs Input Voltage
Figure 16. Quiescent Current vs Input Voltage
Figure 17. Static Drain-Source On-State Resistance vs Input
Figure 18. Static Drain-Source On-State Resistance vs Input
Voltage
Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62590-Q1


Similar Part No. - TPS62590-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com