Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62743 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62743
Description  TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62743 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62743_15 Datasheet HTML 4Page - Texas Instruments TPS62743_15 Datasheet HTML 5Page - Texas Instruments TPS62743_15 Datasheet HTML 6Page - Texas Instruments TPS62743_15 Datasheet HTML 7Page - Texas Instruments TPS62743_15 Datasheet HTML 8Page - Texas Instruments TPS62743_15 Datasheet HTML 9Page - Texas Instruments TPS62743_15 Datasheet HTML 10Page - Texas Instruments TPS62743_15 Datasheet HTML 11Page - Texas Instruments TPS62743_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
UVLO
EN
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
SW
Limit
High Side
VIN
GND
PMOS
NMOS
V
TH_UVLO
VIN
UVLO
Comp
Softstart
Control
Logic
VOS
V
FB
Main
Comparator
Direct Control
& Compensation
Error
amplifier
Min. On
Min. OFF
VIN
VOS
Timer
DCS
Control
Current
Limit Comparator
Limit
Low Side
Power Stage
UVLO
VOS
Internal
feedback
divider
network*
VSEL1
VSEL2
VSEL3
Ultra Low Power
Reference
V
TH_100
VIN
Auto 100% Mode
Comp
100%
Mode
V
Discharge
OUT
V
FB
UVLO
EN
EN
VOS
* typical 50MW
V
REF
TPS62743
SLVSCQ0 – JUNE 2015
www.ti.com
9 Detailed Description
9.1 Overview
The TPS62743 is a high frequency step down converter with ultra low quiescent current. The device operates
with a quasi fixed switching frequency typically at 1.2 MHz. Using TI's DCS-Control™ topology the device
extends the high efficiency operation area down to a few microamperes of load current during Power Save Mode
Operation.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 DCS-Control™
TI's DCS-Control™ (Direct Control with Seamless Transition into Power Save Mode) is an advanced regulation
topology, which combines the advantages of hysteretic and voltage mode control. Characteristics of DCS-
Control™ are excellent AC load regulation and transient response, low output ripple voltage and a seamless
transition between PFM and PWM mode operation. DCS-Control™ includes an AC loop which senses the output
voltage (VOS pin) and directly feeds the information to a fast comparator stage. This comparator sets the
switching frequency, which is constant for steady state operating conditions, and provides immediate response to
dynamic load changes. In order to achieve accurate DC load regulation, a voltage feedback loop is used. The
internally compensated regulation network achieves fast and stable operation with small external components
and low ESR capacitors.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62743


Similar Part No. - TPS62743_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS62743_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Major-Power Technology ...
MA3001 MPOWER-MA3001 Datasheet
122Kb / 2P
   300mA Ultra-Low Quiescent Current LDO
Rev.1.0
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
   Ultra-Low Quiescent Current Buck
25-Feb-2022
logo
Texas Instruments
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com