Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62746YFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62746YFPR
Description  TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62746YFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62746YFPR Datasheet HTML 6Page - Texas Instruments TPS62746YFPR Datasheet HTML 7Page - Texas Instruments TPS62746YFPR Datasheet HTML 8Page - Texas Instruments TPS62746YFPR Datasheet HTML 9Page - Texas Instruments TPS62746YFPR Datasheet HTML 10Page - Texas Instruments TPS62746YFPR Datasheet HTML 11Page - Texas Instruments TPS62746YFPR Datasheet HTML 12Page - Texas Instruments TPS62746YFPR Datasheet HTML 13Page - Texas Instruments TPS62746YFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
V ,
IN
V
OUT
t
softstart
V
IN
Step Down Operation
100%
Mode
100%
Mode
V
TH_100+
V
TH_100-
V
UVLO+
V
UVLO-
V
tracks V
OUT
IN
V
tracks V
OUT
IN
V
discharge
OUT
TPS62746
SLVSD27A – JUNE 2015 – REVISED AUGUST 2015
www.ti.com
9.4 Device Functional Modes
9.4.1 Enable and Shutdown
The device is turned on with EN=high. With EN=low the device enters shutdown and turns off the VIN switchand
turns off the VIN switch. This pin must be terminated.
9.4.2 Device Start-up and Softstart
The device has an internal softstart to minimize input voltage drop during start-up. This allows the operation from
high impedance battery cells. Once the device is enabled the device starts switching after a typical delay time of
10ms. Then the softstart time of typical 700 µs begins with a reduced current limit of typical 150 mA. When this
time passed by the device enters full current limit operation. This allows a smooth start-up and the device can
start into full load current. Furthermore, larger output capacitors impact the start up behaviour of the DC/DC
converter. Especially when the output voltage does not reach its nominal value after the typical sofstart time, of
700µs, passed by.
9.4.3 Automatic Transition Into No Ripple 100% Mode
Once the input voltage comes close to the output voltage, the DC/DC converter stops switching and enters 100%
duty cycle operation. It connects the output VOUT via the inductor and the internal high side MOSFET switch to
the input VIN, once the input voltage VIN falls below the 100% mode enter threshold, VTH_100-. The DC/DC
regulator is turned off, switching stops and therefore no output voltage ripple is generated. Since the output is
connected to the input, the output voltage follows the input voltage minus the voltage drop across the internal
high side switch and the inductor. Once the input voltage increases and trips the 100% mode exit threshold,
VTH_100+ , the DC/DC regulator turns on and starts switching again. See Figure 6 and Figure 22.
Figure 6. Automatic Transition into 100% Mode
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62746


Similar Part No. - TPS62746YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
More results

Similar Description - TPS62746YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
   High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
   High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com