Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62748YFPT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62748YFPT
Description  TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62748YFPT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62748YFPT Datasheet HTML 1Page - Texas Instruments TPS62748YFPT Datasheet HTML 2Page - Texas Instruments TPS62748YFPT Datasheet HTML 3Page - Texas Instruments TPS62748YFPT Datasheet HTML 4Page - Texas Instruments TPS62748YFPT Datasheet HTML 5Page - Texas Instruments TPS62748YFPT Datasheet HTML 6Page - Texas Instruments TPS62748YFPT Datasheet HTML 7Page - Texas Instruments TPS62748YFPT Datasheet HTML 8Page - Texas Instruments TPS62748YFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
A
B
C
D
SW
VIN
EN
GND
VOS
VSEL
CTRL
LOAD
TPS62748
www.ti.com
SLVSD37A – SEPTEMBER 2015 – REVISED OCTOBER 2015
6 Device Comparison Table
PACKAGE
OUTPUT CURRENT
TA
PART NUMBER
OUTPUT VOLTAGE SETTINGS
[mA]
MARKING
–40°C to 85°C
TPS62748
1.2 V and 1.8 V (VSEL)
300 mA
TPS748
7 Pin Configuration and Functions
YFP Package
8-Pin DSBGA
Top View
Pin Functions TPS62748
PIN
I/O
DESCRIPTION
NAME
NO
VIN
A2
PWR
VIN power supply pin. Connect the input capacitor close to this pin for best noise and voltage spike
suppression. A ceramic capacitor of 4.7 µF is required.
SW
A1
OUT
The switch pin is connected to the internal MOSFET switches. Connect the inductor to this terminal.
GND
B2
PWR
GND supply pin. Connect this pin close to the GND terminal of the input and output capacitor.
VOS
C2
IN
Feedback pin for the internal feedback divider network and regulation loop. An internal load switch is
connected between VOUT pin and LOAD pin. Connect this pin directly to the output capacitor with a short
trace. Discharges VOUT when the converter is disabled.
VSEL
C1
IN
Output voltage selection pin. See Table 1 for VOUT selection. This pin must be terminated. The pin can be
dynamically changed during operation.
EN
B1
IN
High level enables the devices, low level turns the device into shutdown mode. The pin must be
terminated.
CTRL
D1
IN
This pin controls the load switch between VOS and LOAD. With CTRL = low, the LOAD switch is disabled.
This pin must be terminated.
LOAD
D2
OUT
Output terminal of the internal load switch. With CTRL = high, the internal load switch connects VOS to the
LOAD pin. This pin is pulled to GND with the CTRL = low. If not used, leave the pin open.
Table 1. Output Voltage Setting TPS62748
Device
VOUT
VSEL
1.2
0
TPS62748
1.8
1
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62748


Similar Part No. - TPS62748YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
More results

Similar Description - TPS62748YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62746 TI-TPS62746_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
   High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
   High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com