Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66058 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66058
Description  SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER (Electrically similar to 6N140)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66058 Datasheet(HTML) 1 Page - Micropac Industries

  66058 Datasheet HTML 1Page - Micropac Industries 66058 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 36
66058
SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,
OPTOCOUPLER (Electrically similar to 6N140)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
DSCC Approved 8978501PX (Dual) and
8981001PX (Single)
High current transfer ratio: 1000% typical
1500 Vdc isolation test voltage
Low input current requirement: 0.5mA
Applications:
Telephone ring detection
Voltage level shifting
Isolated receiver input
Communication systems
Medical systems
DESCRIPTION
The 66058 single/dual optocoupler utilizes infrared LEDs optically coupled to high gain photodarlington detectors. This unique
optocoupler provides high CTR and low leakage current over the full military temperature range (-55° to +125°C). The 66058
is a 8 pin dual-in-line, hermetically sealed package and is available in standard and screened versions or tested to customer
specifications.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature........................................................................................................................................... -65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................. -55°C to +125°C
Lead Solder Temperature.........................................................................................260°C for 10s (1.6mm below seating plane)
Peak Forward Input Current (each channel) ................................................................................................ 20mA (1ms duration)
Average Forward Input Current ........................…............(see Note 1) ...............................................................................10mA
Reverse Input Voltage ...............................................................................................................................................................5V
Output Current - IO (each channel) ......................................................................................................................................40mA
Output Power Dissipation (each channel) ........................(see Note 2) ..............................................................................50mW
Supply Voltage - VCC ..........................................................(see Note 3)........................................................................0.5 to 20V
Output Voltage - VO (each channel).……........................(see Note 3) ...................................................................... -0.5 to 20V
Package Dimensions
Schematic Diagram
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
SIDE VIEW
REAR VIEW
24
3
1
YYWW
XXXX
USA
END VIEW
6
8
75
0.170 [4.32]MAX
.020 [0.51] MAX
0.90 [2.28]
0.110 [2.80]
PIN ONE
TYPE NUMBER
0.370 [9.040]
0.390 [9.90]
0.007 [0.18]
0.013 [0.33]
0.320 [8.13]MAX
DATE CODE
0.280 [7.11]
0.310 [7.88]
1
2
4
3
8
7
6
5GND
V0
EN
Vcc
K
NC
A
NC
K3
4
A
2
K
A1
GND
5
6V02
7V01
Vcc
8
PIN ONE
0.020 [0.51] MIN
Notes:
1. Derate IF at 0.33 mA/°C above 110°C.
2. Collector output power plus one half of the total supply power is total output power. Derate at 1.66mW/°C above 110°C.
3. The lowest total IOH over temperature is developed by keeping VCC as low as possible, but greater that 2 volts. The
negative voltage at the detector side should be applied to Pin 10.


Similar Part No. - 66058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66058 ETC2-66058 Datasheet
38Kb / 2P
   STATFREE T2 MATERIAL, LEAD-FREE, DISSIPATIVE, RUBBER, 2-LAYER
logo
Tyco Electronics
6605814-5 MACOM-6605814-5 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6605818-1 MACOM-6605818-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6605852-2 MACOM-6605852-2 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
More results

Similar Description - 66058

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66164 MICROPAC-66164 Datasheet
87Kb / 2P
   SINGLE CHANNEL LINEAR OPTOCOUPLER Electrically Similar to 3C92C
66012 MICROPAC-66012 Datasheet
93Kb / 2P
   FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
66183 MICROPAC-66183 Datasheet
86Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
66116 MICROPAC-66116 Datasheet
87Kb / 2P
   Single Channel Optocoupler Electrically Similar to 4N47-4N49 Coaxial or Bulkhead Mount packages
66293 MICROPAC-66293 Datasheet
184Kb / 3P
   PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com