Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65130 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65130
Description  TPS6513x Positive and Negative Output DC-DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65130 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65130_15 Datasheet HTML 5Page - Texas Instruments TPS65130_15 Datasheet HTML 6Page - Texas Instruments TPS65130_15 Datasheet HTML 7Page - Texas Instruments TPS65130_15 Datasheet HTML 8Page - Texas Instruments TPS65130_15 Datasheet HTML 9Page - Texas Instruments TPS65130_15 Datasheet HTML 10Page - Texas Instruments TPS65130_15 Datasheet HTML 11Page - Texas Instruments TPS65130_15 Datasheet HTML 12Page - Texas Instruments TPS65130_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPS65130, TPS65131
www.ti.com
SLVS493C – MARCH 2004 – REVISED JUNE 2015
Feature Description (continued)
7.3.2 Control
The controller circuits of both converters employ a fixed-frequency, multiple-feedforward controller topology. The
circuits monitor input voltage, output voltage, and voltage drop across the switches. Changes in the operating
conditions of the converters directly affect the duty cycle and must not take the indirect and slow way through the
output voltage control loops. Measurement errors in this feedforward system are corrected by a self-learning
control system. An external capacitor damps the output to avoid output-voltage steps due to output changes of
this selflearning control system.
The voltage loops, determined by the error amplifiers, must only handle small signal errors. The error amplifiers
feature internal compensation. Their inputs are the feedback voltages on the FBP and FBN pins. The device
uses a comparison of these voltages with the internal reference voltage to generate an accurate and stable
output voltage.
7.3.3 Enable
Both converters can be enabled or disabled individually. Applying a logic HIGH signal at the enable pins (ENP for
the boost converter, ENN for the inverting converter) enables the corresponding output. After enabling, internal
circuitry, necessary to operate the specific converter, then turns on, followed by the Soft-Start.
AApplying a low signal at the enable ENP or ENN pin shuts down the corresponding converter. When both
enable pins are low, the device enters shutdown mode, where all internal circuitry turns off. The device now
consumes shutdown current flowing into the VIN pin. The output loads of the converters can be disconnected
from the input, see Load Disconnect.
7.3.4 Load Disconnect
The device supports completely disconnecting the load when the converters are disabled. For the inverting
converter, the device turns off the internal PMOS switch. If the inverting converter is turned off, no DC current
path remains which could discharge the battery or supply.
This is different for the boost converter. The external rectifying diode, together with the boost inductor, form a DC
current path which could discharge the battery or supply if any load connects to the output. The device has no
internal switch to prevent current from flowing. For this reason, the device offers a PMOS gate control output
(BSW) to enable and disable a PMOS switch in this DC current path, ideally directly between the boost inductor
and battery. To be able to fully disconnect the battery, the forward direction of the parasitic backgate diode of this
switch must point to the battery or supply. The external PMOS switch, which connects to BSW, turns on when
the boost converter is enabled and turns off when the boost converter is disabled.
7.3.5 Soft-Start
Both converters have implemented soft-start functions. When each converter is enabled, the implemented switch
current limit ramps up slowly to its nominal programmed value in about 1 ms. Soft-start is implemented to limit
the input current during start-up to avoid high peak currents at the battery which could interfere with other
systems connected to the same battery. Without soft-start, the high input peak current could trigger the
implemented switch current limit, which can lead to a significant voltage drops across the series resistance of the
battery and its connections.
7.3.6 Overvoltage Protection
Both converters (boost and inverter) have implemented individual overvoltage protection. If the feedback voltage
under normal operation exceeds the nominal value by typically 5%, the corresponding converter shuts down
immediately to protect any connected circuitry from possible damage.
7.3.7 Undervoltage Lockout
An undervoltage lockout (UVLO) prevents the device from starting up and operating if the supply voltage at the
VIN pin is lower than the undervoltage lockout threshold. For this case, the device automatically shuts down both
converters when the supply voltage at VIN falls below this threshold. Nevertheless, parts of the control circuits
remain active, which is different than device shutdown.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65130 TPS65131


Similar Part No. - TPS65130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
More results

Similar Description - TPS65130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
   Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com