Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N01S830BAT22I Datasheet(PDF) 4 Page - ON Semiconductor

Part # N01S830BAT22I
Description  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830BAT22I Datasheet(HTML) 4 Page - ON Semiconductor

  N01S830BAT22I Datasheet HTML 1Page - ON Semiconductor N01S830BAT22I Datasheet HTML 2Page - ON Semiconductor N01S830BAT22I Datasheet HTML 3Page - ON Semiconductor N01S830BAT22I Datasheet HTML 4Page - ON Semiconductor N01S830BAT22I Datasheet HTML 5Page - ON Semiconductor N01S830BAT22I Datasheet HTML 6Page - ON Semiconductor N01S830BAT22I Datasheet HTML 7Page - ON Semiconductor N01S830BAT22I Datasheet HTML 8Page - ON Semiconductor N01S830BAT22I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
N01S830HA, N01S830BA
http://onsemi.com
4
DEVICE OPERATIONS
Read Operation
The serial SRAM Read operation is started by by enabling
CS low. First, the 8-bit Read instruction is transmitted to the
device through the SI (or SIO0-3) pin(s) followed by the
24-bit address with the 7 MSBs of the address being “don’t
care” bits and ignored. In SPI mode, after the READ
instruction and address bits are sent, the data stored at that
address in memory is shifted out on the SO pin after the
output valid time. Additional “dummy” clock cycles (four in
DUAL and two in QUAD) are required to follow the
instruction and address inputs prior to the data being driven
out on the SIO0-3 pins while operating in these two modes.
By continuing to provide clock cycles to the device, data
can continue to be read out of the memory array in
sequentially. The internal address pointer is automatically
incremented to the next higher address after each byte of
data is read out until the highest memory address is reached.
When the highest memory address is reached, 1FFFFh, the
address pointer wraps to the address 00000h. This allows the
read cycles to be continued indefinitely. All Read operations
are terminated by pulling CS high.
Figure 2. SPI Read Sequence (Single Byte)
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
23 22 21 20
21
0
7
65
43
21
0
High−Z
24−bit address
Data Out
SO
29
31
30
32
36 37 38 39
34 35
33
000
0
00
1
1
Figure 3. SPI Read Sequence (Sequential Bytes)
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
23 22 21 20
210
7
65
43
21
0
High−Z
24−bit address
Data Out from ADDR 1
SO
29
31
30
32
36 37 38 39
34 35
33
000
0
0
011
7
65
43
210
Data Out from ADDR 2
7
65
43
21
0
7
6
543
210
...
40
42
41
43
47 48 49 50
45 46
44
51
53
52
54 55
Don’t Care
Don’t Care
ADDR 1
Data Out from ADDR 3
Data Out from ADDR n


Similar Part No. - N01S830BAT22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22IT ONSEMI-N01S830BAT22IT Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Similar Description - N01S830BAT22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com