Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1596 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1596
Description  1.5 MHz Current Mode PWM Buck Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1596 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1596 Datasheet HTML 1Page - ON Semiconductor NCP1596 Datasheet HTML 2Page - ON Semiconductor NCP1596 Datasheet HTML 3Page - ON Semiconductor NCP1596 Datasheet HTML 4Page - ON Semiconductor NCP1596 Datasheet HTML 5Page - ON Semiconductor NCP1596 Datasheet HTML 6Page - ON Semiconductor NCP1596 Datasheet HTML 7Page - ON Semiconductor NCP1596 Datasheet HTML 8Page - ON Semiconductor NCP1596 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP1596, NCP1596A
http://onsemi.com
4
PIN FUNCTION DESCRIPTIONS
Pin #
Symbol
Pin Description
NCP1596
1
FB
Feedback pin. Part is internally compensated. Only necessary to place a voltage divider or connect the out-
put directly to this pin.
2
GND
Ground
3
LX
Pin connected internally to power switch. Connect externally to inductor.
4
VCCP
Power connection to the power switch.
5
VCC
IC power connection.
6
NC
No Connection
NCP1596A
1
FB
Feedback pin. Part is internally compensated. Only necessary to place a voltage divider or connect the out-
put directly to this pin.
2
GND
Ground
3
LX
Pin connected internally to power switch. Connect externally to inductor.
4
VCCP
Power connection to the power switch.
5
VCC
IC power connection.
6
EN
Device Enable pin. This pin has an internal current source pull up. No connect is enable the device. With this
pin pulled down below 0.8 V, the device is disabled and enters the shutdown mode.
Figure 2. Detail Block Diagram
Oscillator
L1
C2
R1
R2
Soft Start
VCC
VCCP
NC/EN
FB
LX
GND
C1
D1
S
R
Ton(min)
disable
driver
Thermal
Shutdown
UVLO
500 nA
0.8 V
Isense
Short
protect
Isense
Q
Q
Vout = 0.8 V to 0.9 V * Vin
Vin
circuit
EXTERNAL COMPONENT REFERENCE DATA
Device
VOUT
Inductor Model
Inductor (L1)
Diode (D1)
CIN (C1)
COUT (C2)
R1
R2
NCP1596/
NCP1596A
3.3 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
31 k
10 k
2.5 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
21 k
10 k
1.5 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
8 k
10 k
1.2 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
5 k
10 k


Similar Part No. - NCP1596

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596A ONSEMI-NCP1596A Datasheet
218Kb / 12P
   1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
June, 2009 ??Rev. 0
NCP1596AMNTWG ONSEMI-NCP1596AMNTWG Datasheet
218Kb / 12P
   1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
June, 2009 ??Rev. 0
More results

Similar Description - NCP1596

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596A ONSEMI-NCP1596A Datasheet
218Kb / 12P
   1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
June, 2009 ??Rev. 0
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
   1.5 MHz, 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
   Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com