Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP7800E Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP7800E
Description  Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP7800E Datasheet(HTML) 1 Page - ON Semiconductor

  NCP7800E Datasheet HTML 1Page - ON Semiconductor NCP7800E Datasheet HTML 2Page - ON Semiconductor NCP7800E Datasheet HTML 3Page - ON Semiconductor NCP7800E Datasheet HTML 4Page - ON Semiconductor NCP7800E Datasheet HTML 5Page - ON Semiconductor NCP7800E Datasheet HTML 6Page - ON Semiconductor NCP7800E Datasheet HTML 7Page - ON Semiconductor NCP7800E Datasheet HTML 8Page - ON Semiconductor NCP7800E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. P0
1
Publication Order Number:
NCP7800E/D
NCP7800E
Product Preview
1.0 A Positive Voltage
Regulators
The NCP7800E series consists of 3 pin, fixed output, positive linear
voltage regulators, suitable for a wide variety of applications. These
regulators are extremely rugged, incorporating internal current
limiting, thermal shutdown and safe-area compensation. With
adequate heat sinking they can deliver output currents in excess of
1.0 A. Designed as direct replacements for the popular MC7800
family, these products offer enhanced ESD protection.
Features
Output Current in Excess of 1.0 A
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
Output Voltage Offered in 4% Tolerance
Available in Standard 3−Lead Transistor Packages
For Tighter Tolerances and Extended Operating Range Refer to MC7800
Enhanced ESD Tolerance: HBM 7 kV (5 V Option) and 6 kV (12 V
Option), and MM 1 kV (5 V Option) and 700 V (12 V Option)
These are Pb−Free Devices
Figure 1. Application Schematic
A common ground is required between the input and
the output voltages. The input voltage must remain
typically 2.0 V above the output voltage even during the
low point on the input ripple voltage.
XX
NCP78xxE
Input
Cin*
0.33
mF
CO**
Output
These two digits of the type number indicate
nominal voltage.
Cin is required if regulator is located an appreciable
distance from power supply filter.
CO is not needed for stability; however,
it does improve transient response. Values of less
than 0.1
mF could cause instability.
*
**
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
TO−220−3
T SUFFIX
CASE 221AB
1
2
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
Heatsink surface
connected to Pin 2
Pin 1. Input
2. Ground
3. Output
3
http://onsemi.com
E
78xxT
AWLYWWG
xx
= 05 or 12
A
= Assembly Location
WL, L = Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Device
MARKING
DIAGRAM
PIN CONNECTIONS


Similar Part No. - NCP7800E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
More results

Similar Description - NCP7800E

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com