Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66147-011 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66147-011
Description  40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66147-011 Datasheet(HTML) 1 Page - Micropac Industries

  66147-011 Datasheet HTML 1Page - Micropac Industries 66147-011 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
7 - 7
66147
40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
10 Mhz bandwidth typical
40kVdc isolation test voltage
TTL compatible input and output
High common mode rejection
Rugged ceramic package
Applications:
Military and Space
Voltage Level Shifting
Grid Current Modulator
Switching between power supplies
Medical systems
DESCRIPTION
The 66147 high voltage isolation consisting of a LED optically coupled to a high speed, high gain inverting detector gate.
Output is TTL capable with switching propagation delays of 55ns typical, hermetically sealed in TO-46 packages and mounted
in a highly reliability, hermetically sealed ceramic package. Available in commercial (0° to +70°C), extended temperature range
(-40° to +85°) and full Military temperature range (-55° to +125°C). Contact the factory for special custom or multi-channel
requirements!
ABSOLUTE MAXIMUM RATINGS
Storage Temperature........................................................................................................................................... -65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................. -55°C to +125°C
Lead Solder Temperature.........................................................................................260°C for 10s (1.6mm below seating plane)
Peak Forward Input Current ........................................................................................................................ 40mA (1ms duration)
Average Forward Input Current ............................................................................................................................................20mA
Input Power Dissipation .......................................................................................................................................................35mW
Reverse Input Voltage ...............................................................................................................................................................5V
Supply voltage - VCC ................................................................................................................................. 7V(1 minute maximum)
Output Current - IO ................................................................................................................................................................25mA
Output Power Dissipation ....................................................................................................................................................40mW
Output Voltage - VO ...................................................................................................................................................................7V
Total Power Dissipation .....................................................................................................................................................350mW
Package Dimensions
Schematic Diagram
Vcc AND GROUND.
CONNECTED BETWEEN
CAPACITOR MUST BE
A.01 TO 0.1
NOTE:
F BYPASS
GND
Vout
VCC
A
K
CASE
3.000 [76.20]
K
Vcc
GND(RED DOT)
CASE
Vout
A (BLACK DOT)
Ø0.300 [7.62]
0.500 [12.70]
0.500 [12.70]
Ø0.018 [0.46]
TYP
MIN
MIN
DIMENSIONS ARE INCHES(MILLIMETERS) NOMINAL


Similar Part No. - 66147-011

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
   Blue effect without coating
66140ULT35WPK OSRAM-66140ULT35WPK Datasheet
125Kb / 3P
   XENARC lamp change is recommended to be carried out by a professional
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
   Color temperature: up to 4,350 K
logo
Micropac Industries
66143 MICROPAC-66143 Datasheet
101Kb / 2P
   Base lead provided for conventional transistor biasing
More results

Similar Description - 66147-011

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66181 MICROPAC-66181 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
66004 MICROPAC-66004 Datasheet
91Kb / 2P
   40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
logo
GETAI ELECTRONICS DEVIC...
HVRL400 GETEDZ-HVRL400 Datasheet
77Kb / 1P
   40kV 30mA HIGH VOLTAGE DIODE
HVRL400 GETEDZ-HVRL400_16 Datasheet
90Kb / 1P
   40kV 30mA HIGH VOLTAGE DIODE
logo
ISOCOM COMPONENTS
IS660 ISOCOM-IS660_08 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
Murata Manufacturing Co...
DHRB34A102M2BB MURATA-DHRB34A102M2BB Datasheet
310Kb / 20P
   High Voltage Ceramic Capacitors DC10-40kV
logo
ISOCOM COMPONENTS
IS725 ISOCOM-IS725 Datasheet
53Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
IS7000 ETC1-IS7000 Datasheet
41Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
IS725 ISOCOM-IS725_08 Datasheet
83Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1X ISOCOM-H11G1X Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com