Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66164-011 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66164-011
Description  SINGLE CHANNEL LINEAR OPTOCOUPLER Electrically Similar to 3C92C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66164-011 Datasheet(HTML) 2 Page - Micropac Industries

  66164-011 Datasheet HTML 1Page - Micropac Industries 66164-011 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut Str., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
3 - 47
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
IR
1
µA
VR = 3V
Input Diode Static Forward Voltage
VF
1.15
1.2
V
IF = 2mA
Input Diode Static Forward Voltage
VF
1.3
1.5
V
IF = 50mA
Reverse Breakdown Voltage
BVR
7
12
V
IR = 100µA
Input Diode Capacitance
CIN
25
pF
V = 0V, f = 1MHz
OUTPUT TRANSISTOR
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
7
V
IC =10µA, IE = 10µA, IF = 0
Collector-Emitter Dark Current
ICEO1
ICEO2
50
10
nA
nA
VCE = 50V, IF = 0mA
VCE = 5V, IF = 0mA
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
On State Collector Current
IC(ON)
4
mA
VCE = 5V, IF = 10mA
On State Collector Current
IC(ON)
4
10
mA
VCE = 0.4V, IF = 10mA
On State Collector Current
-55°C
IC(ON)
4
mA
VCE = 5V, IF = 10mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.4
V
IF = 50mA, IC = 10mA
Isolation Resistance
RISO
10
9
VIN-OUT = 500V
Input to Output Capacitance
CIO
2
2.5
pF
f = 1MHz
Delay Time
td
2
4
µs
VCE = 5V, IF = 2mA, RL = 100
Storage Time
ts
0.2
0.5
µs
VCE = 5V, IF = 2mA, RL = 100
Rise Time
tr
3
5
µs
VCE = 5V, IF = 2mA, RL = 100
Fall Time
tf
4
5
µs
VCE = 5V, IF = 2mA, RL = 100
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
1
µA
Input Current, High Level
IFH
2
10
mA
Supply Voltage
VCE
5
50
V
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66164-011
Single Channel optocoupler, military operating range (-55° to +125°C)
66164-101
Single Channel optocoupler, full mil-temp (-55° to +125°C) with 100% device screening (JTX)
66164-001
Single Channel optocoupler, commercial (0° to 70°C)


Similar Part No. - 66164-011

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66163 MICROPAC-66163 Datasheet
86Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-001 MICROPAC-66163-001 Datasheet
86Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-011 MICROPAC-66163-011 Datasheet
86Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-017 MICROPAC-66163-017 Datasheet
86Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-101 MICROPAC-66163-101 Datasheet
86Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
More results

Similar Description - 66164-011

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66183 MICROPAC-66183 Datasheet
86Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
66058 MICROPAC-66058 Datasheet
90Kb / 2P
   SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER (Electrically similar to 6N140)
66116 MICROPAC-66116 Datasheet
87Kb / 2P
   Single Channel Optocoupler Electrically Similar to 4N47-4N49 Coaxial or Bulkhead Mount packages
66158 MICROPAC-66158 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER DIRECT REPLACEMENT FOR 3C92C
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
logo
IXYS Corporation
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
   Single Linear Optocoupler
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
   LINEAR OPTOCOUPLER
logo
IXYS Corporation
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
   Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
   Linear Optocoupler
logo
List of Unclassifed Man...
MTL6400U ETC-MTL6400U Datasheet
66Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com