Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1087 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S1087
Description  Si photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S1087 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S1087_15 Datasheet HTML 1Page - Hamamatsu Corporation S1087_15 Datasheet HTML 2Page - Hamamatsu Corporation S1087_15 Datasheet HTML 3Page - Hamamatsu Corporation S1087_15 Datasheet HTML 4Page - Hamamatsu Corporation S1087_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si photodiodes
www.hamamatsu.com
S1087/S1133 series
Ceramic package photodiodes with low dark
current
1
Features
Applications
The S1087/S1133 series are ceramic package photodiodes that offer low dark current. Ceramic package used is light-impervi-
ous, so no stray light can reach the photosensitive area from the side or backside. This allows reliable optical measurements
in the visible to near infrared range, over a wide dynamic range from low light levels to high light levels.
Exposure meters
Illuminometers
Copiers
Display light control
Optical switches
S1087, S1133
: For visible range
S1087-01, S1133-01: For visible to IR range
S1133-14
: For visible to near IR range
Structure /Absolute maximum ratings
Type no.
Dimensional outline/
Window
material*1
Photosensitive
area size
Absolute maximum ratings
Reverse
voltage
VR max
Operating temperature
Topr
Storage
temperature
Tstg
(mm)
(V)
(°C)
(°C)
S1087
(1)/V
1.3 × 1.3
10
-10 to +60*2
-20 to +70*2
S1087-01
(2)/R
S1133
(3)/V
2.4 × 2.8
S1133-01
(4)/R
S1133-14
*1: Window material R=resin coating, V=visual-compensation filter
*2: No condensation
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Type no.
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Photosensitivity
S
(A/W)
Infrared
sensitivity
ratio
Short
circuit
current
Isc
100 lx
Temp.
coefficient
of
Isc
Dark
current
ID
VR=1 V
max.
Temp.
coefficient
of
TCID
Rise
time
tr
VR=0 V
RL=1 kΩ
Terminal
capacitance
Ct
VR=0 V
f=10 kHz
Shunt
resistance
Rsh
VR=10 mV
λp
GaP
LED
He-Ne
laser
Min. Typ.
(nm)
(nm)
560 nm 633 nm (%)
(μA)
(%/°C)
(pA)
(times/°C) (μs)
(pF)
(GΩ)(GΩ)
S1087
320 to 730
560
0.3
0.3
0.19
10
0.16
-0.01
10
1.12
0.5
200
10
250
S1087-01
320 to 1100
960
0.58
0.33
0.38
-
1.3
0.1
S1133
320 to 730
560
0.3
0.3
0.19
10
0.61
-0.01
2.5
700
100
S1133-01
320 to 1100
960
0.58
0.33
0.38
-
5.4
0.1
S1133-14
320 to 1000
720
0.4
0.37
-
3.1
20
0.5
200
50


Similar Part No. - S1087_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1087-01 HAMAMATSU-S1087-01 Datasheet
152Kb / 4P
   Si photodiode
More results

Similar Description - S1087_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10355-01 HAMAMATSU-S10355-01_15 Datasheet
152Kb / 4P
   Si photodiodes
S5627-01 HAMAMATSU-S5627-01_15 Datasheet
172Kb / 5P
   Si photodiodes
S1226 HAMAMATSU-S1226_15 Datasheet
261Kb / 6P
   Si photodiodes
S1227 HAMAMATSU-S1227_15 Datasheet
238Kb / 5P
   Si photodiodes
S6428-01 HAMAMATSU-S6428-01_15 Datasheet
230Kb / 6P
   Si photodiodes
S2386 HAMAMATSU-S2386_15 Datasheet
242Kb / 4P
   Si photodiodes
S1336 HAMAMATSU-S1336_15 Datasheet
269Kb / 6P
   Si photodiodes
S2281 HAMAMATSU-S2281_15 Datasheet
208Kb / 3P
   Si photodiodes
S2387 HAMAMATSU-S2387_15 Datasheet
626Kb / 4P
   Si photodiodes
S1337 HAMAMATSU-S1337_15 Datasheet
254Kb / 6P
   Si photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com