Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR234C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # HIR234C
Description  3mm Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR234C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  HIR234C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR234C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-06-21 11:44:14.0
DATASHEET
3mm Infrared LED
HIR234C
8
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jun.18.2013. Issue No: DIR-0000892
www.everlight.com
Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return to
room temperature.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
Although the recommended soldering conditions are specified in the above table, dip or hand soldering at the lowest
possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended temperature and dwell time in the solder
wave.
4.
Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature for a duration of no more than
one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs
depends on factors such as ultrasonic power and the assembled condition. Ultrasonic cleaning shall be pre-qualified to
ensure this will not cause damage to the LED
5.
Heat Management
Heat management of LEDs must be taken into consideration during the design stage of LED application. The current
should be de-rated appropriately by referring to the de-rating curve found in each product specification.
The temperature surrounding the LED in the application should be controlled. Please refer to the data sheet de-rating
curve.
6.
ESD (Electrostatic Discharge)
Electrostatic discharge (ESD) or surge current (EOS) can damage LEDs.
An ESD wrist strap, ESD shoe strap or antistatic gloves must be worn whenever handling LEDs.
All devices, equipment and machinery must be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic lens as a result of
friction between LEDs during storage and handing.
7.
Other
Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above
specification.
When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these
specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does
not comply
with the absolute maximum ratings and the instructions included in these specification sheets.
These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don’t
reproduce or cause anyone to reproduce them without EVERLIGHT’s consent.


Similar Part No. - HIR234C_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR234C EVERLIGHT-HIR234C Datasheet
187Kb / 7P
   3mm Infrared LED
More results

Similar Description - HIR234C_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR204C-H0 EVERLIGHT-HIR204C-H0_15 Datasheet
239Kb / 8P
   3mm Infrared LED
HIR234C EVERLIGHT-HIR234C Datasheet
187Kb / 7P
   3mm Infrared LED
SIR234 EVERLIGHT-SIR234 Datasheet
322Kb / 8P
   3mm Infrared LED
IR204C-H16-L10 EVERLIGHT-IR204C-H16-L10_15 Datasheet
285Kb / 8P
   3mm Infrared LED
HIR204C EVERLIGHT-HIR204C_15 Datasheet
237Kb / 8P
   3mm Infrared LED
logo
OptoSupply Internationa...
OSI3CA3131A OPTOSUPPLY-OSI3CA3131A Datasheet
113Kb / 1P
   3mm Infrared LED
OSI5LA3D61A OPTOSUPPLY-OSI5LA3D61A Datasheet
237Kb / 3P
   3mm Infrared LED
logo
Everlight Electronics C...
SIR204-A EVERLIGHT-SIR204-A Datasheet
256Kb / 8P
   3mm Infrared LED
IR204-A EVERLIGHT-IR204-A_15 Datasheet
267Kb / 8P
   3mm Infrared LED
EAILP03RDAA5 EVERLIGHT-EAILP03RDAA5 Datasheet
395Kb / 8P
   3mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com