Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66116-103B Datasheet(PDF) 1 Page - Micropac Industries

Part # 66116-103B
Description  Single Channel Optocoupler Electrically Similar to 4N47-4N49 Coaxial or Bulkhead Mount packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66116-103B Datasheet(HTML) 1 Page - Micropac Industries

  66116-103B Datasheet HTML 1Page - Micropac Industries 66116-103B Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 12
Single Channel Optocoupler
66116
Electrically Similar to 4N47-4N49
Coaxial or Bulkhead Mount packages
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
High reliability
Base lead provided for conventional transistor
biasing
Very high gain, high voltage transistor
Hermetically sealed for reliability and stability
Stability over wide temperature range
High voltage electrical isolation
Applications:
Line Receivers
Switchmode Power Supplies
Signal ground isolation
Process Control input/output isolation
DESCRIPTION
Very high gain optocoupler utilizing GaAIAs infrared LED optically coupled to an N-P-N silicon phototransistor packaged in a
hermetically sealed metal case. These devices can be tested to customer specifications, as well as to MIL-PRF-38534 H&K
quality levels.
*ABSOLUTE MAXIMUM RATINGS
Input to Output Voltage........................................................................................................................................................ ±1kV
Collector-Base Voltage ...........................................................................................................................................................45V
Collector-Emitter Voltage (See Note 1) ..................................................................................................................................40V
Emitter-Base Voltage................................................................................................................................................................ 7V
Input Diode Reverse Voltage.................................................................................................................................................... 2V
Input Diode Continuous Forward Current at (or below) 65°C Free-Air Temperature (see note 2) ....................................40mA
Continuous Collector Current ..............................................................................................................................................50mA
Peak Diode Current (See Note 3)............................................................................................................................................. 1A
Continuous Transistor Power Dissipation at (or below) 25°C Free-Air Temperature (see Note 4) ................................300mW
Operating Free-Air Temperature Range ............................................................................................................-55°C to +125°C
Storage Temperature..........................................................................................................................................-65°C to +125°C
Lead Temperature (1/16” (1.6mm) from case for 10 seconds).......................................................................................... 240°C
* JEDEC registered data
Package Dimensions
Schematic Diagram
Case Lead
Emitter
Base
ANODE
CATHODE
Collector
Case Lead
E
B
K
C
A
Notes:
1. This value applies with the emitter-base diode open-circuited and the input-diode current equal to zero.
2. Derate linearly to 125°C free-air temperature at the rate of 0.67 mA/°C.
3. This value applies for tw1us. PRR<300 pps.
4. Derate linearly to 125°C free-air temperature at the rate of 3 mW/°C.


Similar Part No. - 66116-103B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6611 ETC-6611 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
66110 ETC2-66110 Datasheet
40Kb / 2P
   STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
66115 ETC2-66115 Datasheet
40Kb / 2P
   STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Keysight Technologies
6611C KEYSIGHT-6611C Datasheet
159Kb / 6P
   6610C Series Single-Output, 40-50 W GPIB Power Supplies
6611C-J05 KEYSIGHT-6611C-J05 Datasheet
159Kb / 6P
   6610C Series Single-Output, 40-50 W GPIB Power Supplies
More results

Similar Description - 66116-103B

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66183 MICROPAC-66183 Datasheet
86Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
66156 MICROPAC-66156 Datasheet
81Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER PHOTODIODE OUTPUT COAXIAL OR BULKHEAD MOUNT PACKAGES
66164 MICROPAC-66164 Datasheet
87Kb / 2P
   SINGLE CHANNEL LINEAR OPTOCOUPLER Electrically Similar to 3C92C
66058 MICROPAC-66058 Datasheet
90Kb / 2P
   SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER (Electrically similar to 6N140)
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
logo
Teccor Electronics
L6008D8TP TECCOR-L6008D8TP Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
HALO Electronics, Inc.
TG04-4004NALF HALO-TG04-4004NALF Datasheet
338Kb / 2P
   Single or Dual Core SMD Packages
TG05-2004NARL HALO-TG05-2004NARL Datasheet
335Kb / 2P
   Single or Dual Core SMD Packages
logo
List of Unclassifed Man...
MTL6400U ETC-MTL6400U Datasheet
66Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com