Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67023 Datasheet(PDF) 6 Page - Micropac Industries

Part # 67023
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023 Datasheet(HTML) 6 Page - Micropac Industries

  67023 Datasheet HTML 1Page - Micropac Industries 67023 Datasheet HTML 2Page - Micropac Industries 67023 Datasheet HTML 3Page - Micropac Industries 67023 Datasheet HTML 4Page - Micropac Industries 67023 Datasheet HTML 5Page - Micropac Industries 67023 Datasheet HTML 6Page - Micropac Industries 67023 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 9
4N51, 4N52,
67023 4N53, 4N54
HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
PART MARKING SYSTEM
PREFERRED PART NUMBER SYSTEM
MII PART NUMBERS
Standard Product
With Tables I, II, III and IV
Quality Level A
TXV
Tables I, II
Commercial
Table II, Subgroups I, VII
4N51
M87157/00101XXX
67023-201
67023-101
67023-001
4N52
M87157/00102XXX
67023-202
67023-102
67023-002
4N53
M87157/00103XXX
67023-203
67023-103
67023-003
4N54
M87157/00104XXX
67023-204
67023-104
67023-004
TABLE I
100% SCREENING – CLASS A OF MIL-PRF-87157
Test Screen
MIL-PRF-750
Method
Conditions
1. Precap Visual
2072
2. High Temperature Storage
1032
TA = 125°C, Time = 24 hours
3. Temperature Cycling
1051
Condition B, 10 Cycles, 15 Min. Dwell
4. Constant Acceleration
2006
10,000 G’s at Y1 orientation
5. Fine Leak
1071
Condition H
6. Gross Leak
1071
Condition C
7. Interim Electrical / Optical Tests
(2)
------
IV, ICC, IBL, IBH, IEL, IEH, IIL, and IIH
TA = 25°C
8. Burn-In
(1,3)
1015
Condition B at VCC = 5V and cycle through
logic at 1 character per second.
TA = 100°C, t = 160 hours
9. Final Electrical Test
(2)
------
Same as Step 7
10. Delta Determinations
------
∆IV = 20%, ∆ICC = ±10 mA, ∆IIH = ±10 µA
and
∆IEH = ±13µA
11. External Visual
(1)
2009
TABLE II
GROUP A ELECTRICAL TEST – CLASS A OF MIL-PRF-87157
Test
Parameters
LTPD
Subgroup 1
DC Electrical Test at 25
°C(2)
IV, ICC, IBL, IBH, IEL, IEH, IIL, and IIH and
visual function, TA = 25°C
5
Subgroup 2
DC Electrical Tests at High
Same as Subgroup 1, except delete IV and visual
7
Temperature
(2)
function. TA = +100°C
Subgroup 3
DC Electrical Tests at Low
Same as Subgroup 1, except delete IV and visual
7
Temperature
(2)
function. TA = -55°C
Subgroup 4, 5 and 6 not tested
Subgroup 7
Optical and Functional Tests
at 25
°C.
Satisfied by Subgroup 1
5
Subgroup 8
External Visual
7


Similar Part No. - 67023

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6702 FILTRONIC-6702 Datasheet
148Kb / 3P
   PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6702 APITECH-6702 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
6702-AAAA-0000 ETC2-6702-AAAA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AAAB-0000 ETC2-6702-AAAB-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AABA-0000 ETC2-6702-AABA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
More results

Similar Description - 67023

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com