Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67025 Datasheet(PDF) 2 Page - Micropac Industries

Part # 67025
Description  4N41-SEVEN SEGMENT HERMETICALLY SEALED DISPLAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67025 Datasheet(HTML) 2 Page - Micropac Industries

  67025 Datasheet HTML 1Page - Micropac Industries 67025 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut Str., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
2 - 3
67025
4N41-SEVEN SEGMENT HERMETICALLY SEALED DISPLAY
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Luminous Intensity 1
IV
200
700
µcd
IF = 20mA
Wavelength at Peak Emission
λP
640
660
680
nm
IF = 20mA
Spectral Bandwidth
20
nm
IF = 20mA
Static Forward Voltage
VF
33.4
3.8
V
IF = 20mA
Average Temperature Coefficient of Static
Voltage
vF
TA
-2.7
mV/°CIF = 20mA, tA = 0
°C to 100°C
Static Reverse Current
IR
100
µAVR = 6V
Anode-to-Cathode Capacitance
C
85
pF
VR = 0V, f = 1MHz
NOTES:
1.
Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-
response curve.
RELATIVE SPECTRAL CHARACTERISTICS
- Wavelength - nm
600
620
640
660
700
680
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Ta = 25° C
I = 20 mA
F
FIGURE 1
RELATIVE LUMINOUS INTENSITY
vs
FORWARD CURRENT
I - FORWARD CURRENT - mA
0
5
10
15
25
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
F
30
FIGURE 3
RELATIVE LUMINOUS INTENSITY
vs
FREE-AIR TEMPERATURE
T - FREE AIR TEMPERATURE - °C
-75
-50
-25
0
50
25
0.1
0.2
75
100
0.4
0.7
1
2
4
I = CONSTANT
F
FIGURE 2
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
20
30
mA
Operating Temperature
TA
-55
100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
67025-001
4N41 Mil-Temp only (-55° to +100°C)
67025-101
4N41 Mil-Temp (-55° to +100°C) with 100% screening.
67025-003
4N41 Commercial (0° to 70°C)
67025-004
4N41 Industrial-Temp only (-40° to +85°C)


Similar Part No. - 67025

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
67025 ALPHAWIRE-67025 Datasheet
98Kb / 4P
   Customer Specification
2/21/2023
More results

Similar Description - 67025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N57 ETC1-4N57 Datasheet
126Kb / 3P
   HERMETICALLY SEALED SOLID-STATE SEVEN-SEGMENT DISPLAY WITH TTL DECODER/DRIVER
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
   Seven segment LED display
logo
Siemens Semiconductor G...
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
logo
LUMEX INC.
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
   RED, SEVEN SEGMENT DISPLAY
LDS-A403RI LUMEX-LDS-A403RI Datasheet
45Kb / 1P
   YELLOW SEVEN SEGMENT DISPLAY
logo
Siemens Semiconductor G...
HD1075 SIEMENS-HD1075 Datasheet
648Kb / 6P
   Seven Segment display 7mm
logo
Kingbright Corporation
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com