Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37224M3-050SP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37224M3-050SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37224M3-050SP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37224M3-050SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37224M3-050SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
M37224M3-XXXSP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
4
Power source
CNVSS
Reset input
Clock input
Clock output
I/O port P0
PWM output
External interrupt
input
Analog input
I/O port P1
Analog input
External interrupt
input
I/O port P2
External clock input
Serial I/O synchro-
nous clock input/
output
Serial I/O data
output
Serial I/O data input
I/O port P3
Analog input
D-A conversion
output
Input port P3
Clock input for
CRT display
Clock output for
CRT display
Input
Input
Output
I/O
Output
Input
Input
I/O
Input
Input
I/O
Input
I/O
Output
Input
I/O
Input
Output
Input
Input
Output
Apply voltage of 5 V ± 10 % (typical) to VCC, and 0 V to VSS.
Connected to VSS.
To enter the reset state, the reset input pin must be kept at a “L” for 2
µs or more (under
normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this “L” condition should
be maintained for the required time.
This chip has an internal clock generating circuit. To control generating frequency, an
external ceramic resonator or a quartz-crystal oscillator is connected between pins XIN and
XOUT. If an external clock is used, the clock source should be connected to the XIN pin and
the XOUT pin should be left open.
Port P0 is an 8-bit I/O port with direction register allowing each I/O bit to be individually
programmed as input or output. At reset, this port is set to input mode. The output structure
is N-channel open-drain output. See notes at end of Table for full details of port P0 functions.
Pins P00–P05 are also used as PWM output pins PWM0–PWM5 respectively. The output
structure is N-channel open-drain output.
Pins P06 , P07 are also used as external interrupt input pins INT2, INT1 respectively.
P06 pin is also used as analog input pin A-D4.
Port P1 is an 8-bit I/O port and has basically the same functions as port P0. The output
structure is CMOS output.
Pins P15–P17 are also used as analog input pins A-D1 to A-D3 respectively.
P15 pin is also used as external interrupt input pin INT3.
Port P2 is an 8-bit I/O port and has basically the same functions as port P0. The output
structure is CMOS output.
Pins P23, P24 are also used as external clock input pins TIM3, TIM2 respectively.
P20 pin is also used as serial I/O synchronous clock input/output pin SCLK. The output
structure is N-channel open-drain output.
Pin P21 is also used as serial I/O data output pin SOUT. The output structure is N-channel
open-drain output.
Pin P22 is also used as serial I/O data input pin SIN.
Ports P30–P32 are 3-bit I/O ports and have basically the same functions as port P0. Either
CMOS output or N-channel open-drain output structure can be selected as the port P30
and P31. The output structure of port P32 is N-channel open-drain output.
Pins P30, P31 are also used as analog input pins A-D5, A-D6 respectively.
Pins P30, P31 are also used as D-A conversion output pins DA1, DA2 respectively.
Ports P33, P34 are 2-bit input ports.
P33 pin is also used as CRT display clock input pin OSC1.
P34 pin is also used as CRT display clock output pin OSC2. The output structure is CMOS
output.
PIN DESCRIPTION
Pin
Name
Functions
Input/
Output
VCC,
VSS.
CNVSS
______
RESET
XIN
XOUT
P00/PWM0–
P05/PWM5,
P06/INT2/
A-D4,
P07/INT1
P10–P14,
P15/A-D1/
INT3,
P16/A-D2,
P17/A-D3
P20/SCLK,
P21/SOUT,
P22/SIN,
P23/TIM3,
P24/TIM2,
P25–P27
P30/A-D5/
DA1,
P31/A-D6/
DA2,
P32
P33/OSC1,
P34/OSC2


Similar Part No. - M37224M3-050SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37224M3-XXXSP RENESAS-M37224M3-XXXSP Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37224M3-050SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com