Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65251-1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65251-1
Description  TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65251-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65251-1 Datasheet HTML 3Page - Texas Instruments TPS65251-1 Datasheet HTML 4Page - Texas Instruments TPS65251-1 Datasheet HTML 5Page - Texas Instruments TPS65251-1 Datasheet HTML 6Page - Texas Instruments TPS65251-1 Datasheet HTML 7Page - Texas Instruments TPS65251-1 Datasheet HTML 8Page - Texas Instruments TPS65251-1 Datasheet HTML 9Page - Texas Instruments TPS65251-1 Datasheet HTML 10Page - Texas Instruments TPS65251-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TPS65251-1, TPS65251-2, TPS65251-3
www.ti.com
SLVSC70A – JANUARY 2015 – REVISED JANUARY 2015
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = 12 V, ƒSW = 500 Hz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FEEDBACK, REGULATION, OUTPUT STAGE
VIN = 12 V, TJ = 25°C
–1%
0.8
1%
VFB
Feedback voltage
V
VIN = 4.5 to 18 V
–2%
0.8
2%
IFB
Feedback leakage current
50
nA
Minimum on-time
tON_MIN
(current sense blanking) to specify output
70
100
ns
regulation
RLIM1
Limit resistance range
VIN = 12 V, ƒSW = 500 kHz
75
300
k
Ω
RLIM2,3
Limit resistance range
VIN = 12 V, ƒSW = 500 kHz
1.1
5.1
A
ILIM1
Buck1 current limit range
VIN = 12 V, ƒSW = 500 kHz
100
300
k
Ω
ILIM2
Buck2 current limit range
VIN = 12 V, ƒSW = 500 kHz
1.2
4.1
A
ILIM3
Buck3 current limit range
VIN = 12 V, ƒSW = 500 kHz
1.2
4.1
A
MOSFET (BUCK 1)
H.S. Switch
Turn-on resistance high-side FET on CH1
BOOT = 6.5 V, TJ = 25°C
95
m
L.S. Switch
Turn-on resistance low-side FET on CH1
VIN = 12 V, TJ = 25°C
50
m
MOSFET (BUCK 2)
H.S. Switch
Turn-on resistance high-side FET on CH2
BOOT = 6.5 V, TJ = 25°C
120
m
L.S. Switch
Turn-on resistance low-side FET on CH2
VIN = 12 V, TJ = 25°C
80
m
MOSFET (BUCK 3)
H.S. Switch
Turn-on resistance high-side FET on CH3
BOOT = 6.5 V, TJ = 25°C
120
m
L.S. Switch
Turn-on resistance low-side FET on CH3
VIN = 12 V, TJ = 25°C
80
m
ERROR AMPLIFIER
gM
Error amplifier transconductance
–2 µA < ICOMP < 2 µA
130
µmhos
gmPS
COMP to ILX gM
ILX = 0.5 A
10
A/V
POWER GOOD RESET GENERATOR
Output falling
85%
VUVBUCKX
Threshold voltage for buck under voltage
Output rising (PG is asserted)
90%
tUV_deglitch
Deglitch time (both edges)
Each buck
11
ms
tON_HICCUP
Hiccup mode ON time
VUVBUCKX asserted
13
ms
All converters disabled. After tOFF_HICCUP
tOFF_HICCUP
Hiccup mode OFF time
elapses, all converters go through
11
ms
sequencing again.
Output rising (high-side FET is forced
106%
off)
VOVBUCKX
Threshold voltage for buck over voltage
Output falling (high-side FET is allowed
104%
to switch)
TPS65251-1
1000
tRP
Minimum reset period
TPS65251-2
32
ms
TPS65251-3
256
THERMAL SHUTDOWN
TTRIP
Thermal shutdown trip point
Rising temperature
160
°C
THYST
Thermal shutdown hysteresis
Device restarts
20
°C
tTRIP_DEGLITCH
Thermal shutdown deglitch
100
120
µs
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65251-1 TPS65251-2 TPS65251-3


Similar Part No. - TPS65251-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510RHAR TI1-TPS652510RHAR Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510RHAT TI1-TPS652510RHAT Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results

Similar Description - TPS65251-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65250 TI-TPS65250_1 Datasheet
1Mb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65250 TI-TPS65250 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com