Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65270 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65270
Description  4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65270 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65270_15 Datasheet HTML 4Page - Texas Instruments TPS65270_15 Datasheet HTML 5Page - Texas Instruments TPS65270_15 Datasheet HTML 6Page - Texas Instruments TPS65270_15 Datasheet HTML 7Page - Texas Instruments TPS65270_15 Datasheet HTML 8Page - Texas Instruments TPS65270_15 Datasheet HTML 9Page - Texas Instruments TPS65270_15 Datasheet HTML 10Page - Texas Instruments TPS65270_15 Datasheet HTML 11Page - Texas Instruments TPS65270_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.05
0.1
0.15
0.2
Vin = 12 V Vout2 = 5 V auto PSM-PWM
Forced PWM
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.05
0.1
0.15
0.2
Forced PWM
Vin = 12 V Vout1 = 3.3 V auto PSM-PWM
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
V = 12 V
I
V = 15 V
I
V = 4.5 V
I
50
55
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
3.5
V = 12 V
I
V = 15 V
I
V = 4.5 V
I
1.75
1.77
1.79
1.81
1.83
1.85
0
0.5
1
1.5
2
2.5
3
`
PWM, Vout1, Vin = 12 V
PSM, Vout2, Vin = 12 V
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
0
0.5
1
1.5
2
2.5
3
3.5
4
PWM, Vout2, Vin = 12 V
PSM, Vout2, Vin = 12 V
TPS65270
SLVSAX7D – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS
TA = 25°C, VIN = 12 V, fSW = 625 kHz (unless otherwise noted)
Figure 1. Load Regulation
Figure 2. Load Regulation
Buck 1 at 1.8 V, 1% Resistors
Buck 1 at 1.2 V, 1% Resistor s
Figure 3. Efficiency
Figure 4. Efficiency
Buck 1 at 3.3 V
Buck 2 at 1 V
Figure 5. Efficiency
Figure 6. Efficiency
Buck 1 at 3.3 V
Buck 2 at 5 V
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS65270


Similar Part No. - TPS65270_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270PWPR TI1-TPS65270PWPR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270RGER TI1-TPS65270RGER Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270RGET TI1-TPS65270RGET Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results

Similar Description - TPS65270_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com