Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4418 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4418
Description  SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4418 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4418 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4418 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4418 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at +25 °C, sea level
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL PE4418
URL: http://www.pasternack.com/sma-female-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe4418-p.aspx
PE4418
PE4418 REV 1.3
SMA Female Connector Solder Attachment for
PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE4418

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4418 PASTERNACK-PE4418 Datasheet
377Kb / 3P
   SMA Female Connector Solder Attachment
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
   75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE44181 PASTERNACK-PE44181 Datasheet
256Kb / 2P
   75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
   RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44183 PASTERNACK-PE44183 Datasheet
83Kb / 1P
   REVERSE THREAD SMA MALE, CRIMP ATTACHMENT FOR RG58
More results

Similar Description - PE4418

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
   SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
   SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
   SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
   SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
   Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
   SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
   TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
   MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
   SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
   BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com